Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF634FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # IRF634FP
Description  N-channel 250V - 0.38Ω - 8A TO-220 /TO-220FP Mesh Overlay™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF634FP Datasheet(HTML) 3 Page - STMicroelectronics

  IRF634FP Datasheet HTML 1Page - STMicroelectronics IRF634FP Datasheet HTML 2Page - STMicroelectronics IRF634FP Datasheet HTML 3Page - STMicroelectronics IRF634FP Datasheet HTML 4Page - STMicroelectronics IRF634FP Datasheet HTML 5Page - STMicroelectronics IRF634FP Datasheet HTML 6Page - STMicroelectronics IRF634FP Datasheet HTML 7Page - STMicroelectronics IRF634FP Datasheet HTML 8Page - STMicroelectronics IRF634FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
IRF634 - IRF634FP
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IRF634
IRF634FP
VDS
Drain-source voltage (VGS = 0)
250
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)250
V
VGS
Gate- source voltage
± 20
V
ID
Drain current (continuos) at TC = 25°C
8
8(1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuos) at TC = 100°C
5
5(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
32
32(1)
A
PTOT
Total dissipation at TC = 25°C
80
30
W
Derating factor
0.64
0.24
W/°C
dv/dt (3)
3.
ISD ≤8A, di/dt ≤300 A/ms, VDD ≤V(BR)DSS, Tj ≤Tjmax
Peak diode recovery voltage slope
5
V/ns
VISO
Insulation withstand voltage (DC)
-
2000
V
Tstg
Storage temperature
–65 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 2.
Thermal data
TO-220
TO-220FP
Rthj-case
Thermal resistance junction-case max
1.56
4.11
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
8A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 50 V)
300
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com