Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF634FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRF634FP
Description  N-channel 250V - 0.38Ω - 8A TO-220 /TO-220FP Mesh Overlay™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF634FP Datasheet(HTML) 1 Page - STMicroelectronics

  IRF634FP Datasheet HTML 1Page - STMicroelectronics IRF634FP Datasheet HTML 2Page - STMicroelectronics IRF634FP Datasheet HTML 3Page - STMicroelectronics IRF634FP Datasheet HTML 4Page - STMicroelectronics IRF634FP Datasheet HTML 5Page - STMicroelectronics IRF634FP Datasheet HTML 6Page - STMicroelectronics IRF634FP Datasheet HTML 7Page - STMicroelectronics IRF634FP Datasheet HTML 8Page - STMicroelectronics IRF634FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
June 2006
Rev 2
1/14
18
IRF634
IRF634FP
N-channel 250V - 0.38
Ω - 8A TO-220 /TO-220FP
Mesh Overlay™ Power MOSFET
General features
■ Extremely High dv/dt Capability
■ 100% Avalanche Tested
Description
Using the latest high voltage MESH OVERLAY™
process, STMicroelectronics has designed an
advanced family of power MOSFETs with
outstanding performance. The new patented
STrip layout coupled with the Company’s
proprietary edge termination structure, makes it
suitable in coverters for lighting applications.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
IRF634
250V
<0.45
Ω
8 A
IRF634FP
250V
<0.45
Ω
8 A
1
2
3
1
2
3
TO-220
TO-220FP
www.st.com
Order codes
Part number
Marking
Package
Packaging
IRF634
IRF634
TO-220
Tube
IRF634FP
IRF634FP
TO-220FP
Tube
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - IRF634FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF634FP STMICROELECTRONICS-IRF634FP Datasheet
333Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Jul-2001
More results

Similar Description - IRF634FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Jul-2001
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
Oct-1999
STB8NS25 STMICROELECTRONICS-STB8NS25 Datasheet
427Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A D2PAK MESH OVERLAY™ MOSFET
Jul-2001
STD8NS25 STMICROELECTRONICS-STD8NS25 Datasheet
122Kb / 6P
N-CHANNEL 250V - 0.38ohm - 8A DPAK MESH OVERLAY™ MOSFET
Jul-2001
STP16NS25 STMICROELECTRONICS-STP16NS25 Datasheet
330Kb / 9P
N-CHANNEL 250V - 0.23ohm - 16A TO-220 / TO-220FP MESH OVERLAY™ MOSFET
May-2002
STP6NS25 STMICROELECTRONICS-STP6NS25 Datasheet
266Kb / 8P
N-CHANNEL 250V - 0.9ohm - 6A TO-220 MESH OVERLAY™MOSFET
November 2002
STP8NS25 STMICROELECTRONICS-STP8NS25 Datasheet
329Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Apr-2001
IRF630M STMICROELECTRONICS-IRF630M Datasheet
343Kb / 9P
N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
Oct-2001
IRF630 STMICROELECTRONICS-IRF630_06 Datasheet
336Kb / 14P
N-channel 200V - 0.35Ω - 9A TO-220/TO-220FP Mesh overlay??II Power MOSFET
03-Aug-2006
IRF630M STMICROELECTRONICS-IRF630M_06 Datasheet
326Kb / 14P
N-channel 200V - 0.35Ω - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
28-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com