Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4451CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL4451CS
Description  Wideband Variable-Gain Amplifier, Gain of 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4451CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL4451CS Datasheet HTML 1Page - Elantec Semiconductor EL4451CS Datasheet HTML 2Page - Elantec Semiconductor EL4451CS Datasheet HTML 3Page - Elantec Semiconductor EL4451CS Datasheet HTML 4Page - Elantec Semiconductor EL4451CS Datasheet HTML 5Page - Elantec Semiconductor EL4451CS Datasheet HTML 6Page - Elantec Semiconductor EL4451CS Datasheet HTML 7Page - Elantec Semiconductor EL4451CS Datasheet HTML 8Page - Elantec Semiconductor EL4451CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EL4451C
Wideband Variable-Gain Amplifier Gain of 2
Absolute Maximum Ratings (T
A
e
25 C)
Va
Positive Supply Voltage
165V
VS
Va to Vb Supply Voltage
33V
VIN
Voltage at any Input or Feedback
Va to Vb
DVIN
Difference between Pairs
of Inputs or Feedback
6V
IIN
Current into any Input or Feedback Pin
4mA
IOUT
Continuous Output Current
30mA
PD
Maximum Power Dissipation
See Curves
TA
Operating Temperature Range
b
40 Cto a85 C
TS
Storage Temperature Range
b
60 Cto a150 C
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
Open-Loop DC Electrical Characteristics Power Supplies at g5V T
A
e
25 C RL e 500X
Parameter
Description
Min
Typ
Max
Test
Units
Level
VDIFF
Signal input differential input voltage - Clipping
18
20
I
V
02% nonlinearity
13
V
V
VCM
Common-mode range of VIN VDIFF e 0 Vs e g5V
g
20
g
28
I
V
Vs e g15V
g
128
V
V
VOS
Input offset voltage
7
25
I
mV
VOS FB
Output offset voltage
8
25
I
mV
VG 100%
Extrapolated voltage for 100% gain
19
21
22
I
V
VG 0%
Extrapolated voltage for 0% gain
b
016
b
006
006
I
V
VG 1V
Gain at VGAIN e 1V
095
105
115
I
VV
IB
Input bias current (all inputs)
b
20
b
90
I
mA
IOS
Input offset current between VIN aand VINb
02
4
I
mA
Gaina and Gainb FB and Ref
NL
Nonlinearity VIN between b1V and a1V VG e 1V
02
05
I
%
Ft
Signal feedthrough VG eb1V
b
100
b
70
I
dB
RIN VIN
Input resistance VIN
100
230
I
K
X
RIN FB
Input resistance FB
200
460
V
K
X
RIN RGAIN
Input resistance gain input
50
100
I
K
X
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com