Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4451CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL4451CS
Description  Wideband Variable-Gain Amplifier, Gain of 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4451CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL4451CS Datasheet HTML 1Page - Elantec Semiconductor EL4451CS Datasheet HTML 2Page - Elantec Semiconductor EL4451CS Datasheet HTML 3Page - Elantec Semiconductor EL4451CS Datasheet HTML 4Page - Elantec Semiconductor EL4451CS Datasheet HTML 5Page - Elantec Semiconductor EL4451CS Datasheet HTML 6Page - Elantec Semiconductor EL4451CS Datasheet HTML 7Page - Elantec Semiconductor EL4451CS Datasheet HTML 8Page - Elantec Semiconductor EL4451CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EL4451C
Wideband Variable-Gain Amplifier Gain of 2
Open-Loop DC Electrical Characteristics
Contd
Power Supplies at g5V TA e 25 C RL e 500X
Parameter
Description
Min
Typ
Max
Test
Units
Level
CMRR
Common-mode rejection ratio of VIN
70
90
I
dB
PSRR
Power supply rejection ratio of VOS FB VS e g5V to g15V
50
60
I
dB
VO
Output voltage swing VS e g5V
g
25
g
28
IV
(VIN e 0 VREF varied) VS e g15V
g
125
g
128
ISC
Output short-circuit current
40
85
I
mA
IS
Supply current VS e g15V
155
18
I
mA
Closed-Loop AC Electrical Characteristics
Power supplies at g12V TA e 25 C RL e 500X CL e 15pF VG e 1V
Parameter
Description
Min
Typ
Max
Test
Units
Level
BW b3dB
b
3dB small-signal bandwidth signal input
70
V
MHz
BW g01dB
01dB flatness bandwidth signal input
10
V
MHz
Peaking
Frequency response peaking
06
V
dB
BW gain
b
3dB small-signal bandwidth gain input
70
V
MHz
SR
Slew rate VOUT between b2V and a2V RF e RG e 500X
400
V
V
ms
VN
Input referred noise voltage density
110
V
nV SHz
dG
Differential gain error Voffset between b07V and a07V
09
V
%
d
i
Differential phase error Voffset between b07V and a07V
0 2
V
Test Circuit
4451 – 3
Note For typical performance curves RF e 0 RG e % VGAIN e 1V RL e 500X and CL e 15 pF unless otherwise noted
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com