Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-T670WDT-CW1-R Datasheet(PDF) 11 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-T670WDT-CW1-R
Description  SURFACE MOUNT DEVICE LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-T670WDT-CW1-R Datasheet(HTML) 11 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button L-T670WDT-CW1-R Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 13Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 14Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 15Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SURFACE MOUNT DEVICE LED
Part No. : LT670WDT-CW1-R
REV: A / 0
l
Moisture Resistant Packaging
Label
Aluminum moistue-proof bag
Desiccant
Label
25
5
435
240
Label
Box
Carton
Reel
Notes : One reel in a bag, one bag in a inner box, ten inner boxes in a carton. Unit : mm.
l Cleaning
Û
If cleaning is required , use the following solutions for less than 1 minute and less than 40℃.
Û
Appropriate chemicals: isopropyl alcohol. (When using other solvents, it should be confirmed
beforehand whether the solvents will dissolve the package and the resin or not.)
Û
Effect of ultrasonic cleaning on the LED resin body differs depending on such factors as
ultrasonic power and the assembled condition. Before cleaning, a pre-test should be
confirm whether any damage to the LEDS will occur.
DRAWING NO. : DS-7A-11-0020
DATE : 2011-12-12
PAGE
11of 16
PARA-FOR-068
Release
by
PARA LIGHT DCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com