Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-T670WDT-CW1-R Datasheet(PDF) 15 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-T670WDT-CW1-R
Description  SURFACE MOUNT DEVICE LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-T670WDT-CW1-R Datasheet(HTML) 15 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button L-T670WDT-CW1-R Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 13Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 14Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 15Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670WDT-CW1-R Datasheet HTML 16Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
SURFACE MOUNT DEVICE LED
Part No. : LT670WDT-CW1-R
REV: A / 0
2、Test Items And Results
Test Item
Reference
Standard
Test Condition
Note
Number
of
Damaged
Resistance to
Soldering
Heat
(Reflow Soldering)
JEITA
ED-4701300 301
Tsld=260℃,10sec.
(Pre treatment 30
℃,70%,168hrs)
2times
0/50
Solder ability (Reflow Soldering)
JEITA
ED-4701300 303
Tsld=215℃,3sec.
(Lead Solder)
1time
over 95%
0/50
Thermal Shock
JEITA
ED-4701300 307
-40℃ ~ 100℃
30min. 30min.
100cycles
0/50
Temperature Cycle
JEITA
ED-4701100 105
-40℃ ~ 25℃~100℃~25℃
30min. 5min. 30min. 5min
100cycles
0/50
High Temperature Storage
JEITA
ED-4701200-
201
Ta=100℃
1000hrs.
0/50
Temperature Humidity Storage
JEITA
ED-4701100 103
Ta=60℃,RH=90%
1000hrs.
0/50
Low Temperature Storage
JEITA
ED-4701200 202
Ta=-40℃
1000hrs.
0/50
Steady State Operating Life
Condition
Ta=25℃,IF=20mA
1000hrs.
0/50
Steady State Operating Life
of High Humidity Heat
Ta=60℃,RH=90%,IF=15mA
500hrs.
0/50
7.Others:
The appearance and specifications of the product may be modified for improvement without notice.
DRAWING NO. : DS-7A-11-0020
DATE : 2011-12-12
PAGE
15 of 16
PARA-FOR-068
Release
by
PARA LIGHT DCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com