Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4452CS Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL4452CS
Description  Wideband Variable-Gain Amplifier with Gain of 10
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4452CS Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL4452CS Datasheet HTML 4Page - Elantec Semiconductor EL4452CS Datasheet HTML 5Page - Elantec Semiconductor EL4452CS Datasheet HTML 6Page - Elantec Semiconductor EL4452CS Datasheet HTML 7Page - Elantec Semiconductor EL4452CS Datasheet HTML 8Page - Elantec Semiconductor EL4452CS Datasheet HTML 9Page - Elantec Semiconductor EL4452CS Datasheet HTML 10Page - Elantec Semiconductor EL4452CS Datasheet HTML 11Page - Elantec Semiconductor EL4452CS Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EL4452C
Wideband Variable-Gain Amplifier with Gain of 10
Applications Information
Contd
Most AGC’s deal with repetitive input signals
that are capacitively coupled It is generally de-
sirable to keep DC offsets from mixing with AC
signals and fooling the level detector into main-
taining the DC output offset level constant rath-
er than a smaller AC component To that end
either the level detector is AC-coupled or the ref-
erence voltage must be made greater than the
maximum multiplier gain times the input offset
For instance if the level detector output equaled
the reference voltage at 1V of EL4452 output the
8 mV of input offset would require a maximum
gain of 125 through the EL4452 Bias current-in-
duced offsets could increase this further
Depending on the nature of the signal different
level detector strategies will be employed If the
system goal is to prevent overload of subsequent
stages peak detectors are preferred Other strate-
gies use an RMS detector to maintain constant
output power Here is a simple AGC using peak
detection
4452 – 25
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com