Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4452CS Datasheet(PDF) 11 Page - Elantec Semiconductor

Part # EL4452CS
Description  Wideband Variable-Gain Amplifier with Gain of 10
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4452CS Datasheet(HTML) 11 Page - Elantec Semiconductor

Back Button EL4452CS Datasheet HTML 4Page - Elantec Semiconductor EL4452CS Datasheet HTML 5Page - Elantec Semiconductor EL4452CS Datasheet HTML 6Page - Elantec Semiconductor EL4452CS Datasheet HTML 7Page - Elantec Semiconductor EL4452CS Datasheet HTML 8Page - Elantec Semiconductor EL4452CS Datasheet HTML 9Page - Elantec Semiconductor EL4452CS Datasheet HTML 10Page - Elantec Semiconductor EL4452CS Datasheet HTML 11Page - Elantec Semiconductor EL4452CS Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
EL4452C
Wideband Variable-Gain Amplifier with Gain of 10
Applications Information
Contd
The output of the EL4452 drives a diode detector
which is compared to VREF by an offset integra-
tor Its output feeds the gain-control input of the
EL4452 The integrator’s output is attenuated by
the2k
X and 27 kX resistors to prevent the op-
amp from overloading the gain-control pin dur-
ing zero input conditions The 510 k
X resistor
provides a pull-down current to the peak level
storage capacitor C1 to allow it to drift negative
when output amplitude reduces Thus the detec-
tor is of fast attack and slow decay design able to
reduce AGC gain rapidly when signal amplitude
suddenly increases
and increases gain slowly
when the input drops out momentarily The val-
ue of C1 determines drop-out reaction rates and
the value of CF affects overall loop time constant
as well as the amount of ripple on the gain-con-
trol line C2 can be used to reduce this ripple fur-
ther although it contributes to loop overshoot
when input amplitude changes suddenly The op-
amp can be any inexpensive low-frequency type
The major problem with diode detectors is their
large and variable forward voltage They require
at leasta2VP-P peak output signal to function
reliably and the forward voltage should be com-
pensated by including a negative VD added to
VREF Even this is only moderately successful
At the expense of bandwidth op-amp circuits can
greatly improve diode rectifiers (see ‘‘An Im-
proved Peak Detector’’ an Elantec application
note) Fortunately the detector will see a con-
stant amplitude of signal if the AGC is operating
correctly
A better-calibrated method is to use a four-quad-
rant multiplier as a square-law detector Here is a
circuit employing the EL4450
4452 – 26
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com