Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4501CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL4501CS
Description  Video Front End
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4501CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL4501CS Datasheet HTML 1Page - Elantec Semiconductor EL4501CS Datasheet HTML 2Page - Elantec Semiconductor EL4501CS Datasheet HTML 3Page - Elantec Semiconductor EL4501CS Datasheet HTML 4Page - Elantec Semiconductor EL4501CS Datasheet HTML 5Page - Elantec Semiconductor EL4501CS Datasheet HTML 6Page - Elantec Semiconductor EL4501CS Datasheet HTML 7Page - Elantec Semiconductor EL4501CS Datasheet HTML 8Page - Elantec Semiconductor EL4501CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
EL4501C - Preliminary
Video Front End
Absolute Maximum Ratings (T
A = 25°C)
Values beyond absolute maximum ratings can cause the device to be pre-
maturely damaged. Absolute maximum ratings are stress ratings only and
functional device operation is not implied.
Supply Voltage (VS to GND)
+6V
Input Voltage
GND - 0.3V, VS +0.3V
Storage Temperature Range
-65°C to +150°C
Ambient Operating Temperature
-40°C to +85°C
Operating Junction Temperature
125°C
Power Dissipation
See Curves
Important Note:
All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the
specified temperature and are pulsed tests, therefore: TJ = TC = TA.
Electrical Characteristics
VS = +5V, GND = 0V, TA = 25°C, Input Video = 1VP-P unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit
IS
Supply Current
No Load, VIN = 0V
20
mA
Video Amplifier Section
VOP
Positive Output Voltage Swing
RL = 150Ω to VS/2
4.70
4.85
V
RL = 150Ω to GND
4.20
4.60
V
RL = 1k to VS/2
4.95
4.97
V
VON
Negative Output Voltage Swing
RL = 150Ω to VS/2
0.15
0.30
V
RL = 150Ω to GND
0
V
RL = 1k to VS/2
0.03
0.05
V
+IOUT
Positive Output Current
RL = 10
Ω to V
S
/2
60
80
120
mA
-IOUT
Negative Output Current
RL = 10
Ω to V
S
/2
-50
-60
-80
mA
dG
Differential Gain Error
[1]
Standard NTSC test, AV = 2, RL = 150Ω
0.1
%
dP
Differential Phase Error [1]
Standard NTSC test, AV = 2, RL = 150Ω
0.1
°
BW
Bandwidth
-3dB, G = 1, RL = 10k
Ω to GND
100
MHz
-3dB, G = 1, RL = 150
Ω to GND
60
MHz
BW1
Bandwidth
+/-0.1dB, G = 2, RL = 150
Ω to GND
8
MHz
SR
Slew Rate
25% to 75%, 3.5VP-P, RL = 150Ω
150
200
V/µs
VRL
Ref Level Range
03.5
V
ts
Settling Time
to 0.1%, VIN = 0V to 3V
35
ns
RIN
Input Resistance (VIDEO_IN)
90
115
140
k
Ω
CIN
Input Capacitance (VIDEO_IN)
1.5
pF
AVOL
Open Loop Voltage Gain
RL = no load, VOUT = 0.5V to 3V
54
65
dB
RL = 150Ω to GND, VOUT = 0.5V to 3V
40
50
dB
DC Restore Section
CMIR
Common Mode Input Range (REF_IN)
CMRR
≥ TBD dB
0
3.5
V
VOS
Input Offset Voltage
DC restored
-20
+20
mV
TCVOS
Input Offset Voltage Temperature Coefficient
10
µV/°C
IB
Input Bias Current (REF_IN)
VCM = 0V to 3.5V
1
100
nA
Data Slicer Section
IIH
Input High Current (DS_MODE & DS_ENAB)
VIH = 5V
4
6
µA
IIL
Input Low Current (DS_MODE & DS_ENAB)
VIL = 0V
1
100
nA
VIH
Input High Voltage (DS_MODE & DS_ENAB)
4.5
V
VIL
Input Low Voltage (DS_MODE & DS_ENAB)
0.5
V
VOH
Output High Voltage (DS_OUT)
IOUT = -1mA
4.75
4.9
V
VOL
Output Low Voltage (DS_OUT)
IOUT = 1mA
0.1
0.25
V
IOUT
Short Circuit Current (DS_OUT)
RL = 10Ω to 2.5V
15
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com