Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4501CS Datasheet (PDF) - Elantec Semiconductor

EL4501CS Datasheet PDF - Elantec Semiconductor
Part # EL4501CS
Download  EL4501CS Download
File Size   183.41 Kbytes
Page   10 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Video Front End

EL4501CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4501CS Datasheet PDF - Elantec Semiconductor

Part # EL4501CS
Download  EL4501CS Click to download

File Size   183.41 Kbytes
Page   10 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Video Front End

EL4501CS Datasheet (HTML) - Elantec Semiconductor


EL4501CS Product details

General Description
The EL4501C Video Front End (VFE) is an integrated solution that provides the key analog signal conditioning functions for analog video signals. It forms the front end interface for either an analog or analog/digital video system. The VFE contains a high bandwidth DC Restore, a sophisticated Sync Separator, and a Data Slicer for embedded data recovery.

Features
• DC restore and sync separator
• Wideband (100MHz) DC restore
• Advanced sync separator
• Programmable data slicer
• Single 5 volt operation
• Differential Gain = 0.1%
• Differential Phase = 0.1°
• Low power (<75mW)

Applications
• Video Capture & Editing
• Video Projectors
• Set Top Boxes
• Security Video
• Embedded data recovery




Similar Part No. - EL4501CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
Video Front End
July 7, 2004
EL4501 INTERSIL-EL4501 Datasheet
469Kb / 19P
Video Front End (VFE)
November 12, 2010
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
Video Front End
logo
Intersil Corporation
EL4501IU INTERSIL-EL4501IU Datasheet
477Kb / 19P
Video Front End
July 7, 2004
EL4501IU INTERSIL-EL4501IU Datasheet
365Kb / 19P
Video Front End
April 28, 2006
More results


Similar Description - EL4501CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
500MHz Video Front End - 4:1MUX DC-Restore
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
Analog front end for digital video processors
2004 Oct 04
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
205/170/140 MSPS Video Analog Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
Video Front End
July 7, 2004
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
Video Front End
April 28, 2006
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888_05 Datasheet
1Mb / 34P
205/170/140 MSPS Video Analog Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_10 Datasheet
469Kb / 19P
Video Front End (VFE)
November 12, 2010
logo
Faraday Technology
ADC-100 FARADAY-ADC-100 Datasheet
187Kb / 5P
VIDEO FRONT-END MODULES
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
Video Front End
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com