Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW2000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW2000
Description  GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW2000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW2000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW2000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW2000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW2000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V4
MASW2000
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications
3,4: T
A = 25°C, Z0 = 50Ω, -55°C to +85°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
0.5
0.6
0.8
1.0
Isolation
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
dB
43
35
27
24
—
—
—
—
—
—
—
—
Reflective VSWR
5
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.20:1
1.20:1
1.20:1
1.40:1
Absorptive VSWR
6
DC - 2.0 GHz
DC - 3.0 GHz
Ratio
Ratio
—
—
—
—
1.20:1
1.40:1
Trise, Tfall
10% to 90% RF and 90% to 10% RF
ns
—
22
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
ns
—
27
—
Transients
In-Band
mV
—
25
—
Input P1dB
0.05 GHz, 0/-5 V
0.5 - 3.0 GHz, 0/-5 V
0.05 GHz, 0/-8 V
0.5 - 3.0 GHz, 0/-8 V
dBm
dBm
dBm
dBm
—
—
—
—
24
26
26
32
—
—
—
—
IP2
Two Tone, +5 dBm/Tone, 5 MHz Spacing, >50 MHz
0.05 GHz
0.5 - 3.0 GHz
dBm
dBm
—
—
+63
+80
—
—
IIP3
Two Tone, +5 dBm/Tone, 5 MHz Spacing, >50 MHz
0.05 GHz
0.5 - 3.0 GHz
dBm
dBm
—
—
+43
+53
—
—
Control Voltage
(Complementary Logic)
VIN Low 0 to -0.2 V
VIN High, -5 V
VIN High, -8 V
µA
µA
µA
—
—
—
—
60
—
5
—
500
3. All specifications apply with 50-ohm impedance connected to all RF ports, 0 and –5 VDC control voltages.
4. Loss changes 0.0025 dB/°C (From –55°C to +85°C).
5. For reflective operation RL1/RL2 are unconnected.
6. For absorptive operation RL1 connects to RF1 and RL2 connects to RF2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table
7
Control Inputs
Condition of Switch
A1/B2
A2/B1
RF1
RF2
VIN Hi
VIN Low
On
Off
VIN Low
VIN Hi
Off
On
7. For normal SPDT operation A1 is connected to B2 and A2 is
connected to B1.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com