Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW2000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW2000
Description  GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW2000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW2000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW2000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW2000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW2000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V4
MASW2000
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss: 0.5 dB Typical @ 2 GHz
• Fast Switching Speed: 22 ns Typical
• Reflective/Absorptive Configuration
• Ultra Low DC Power Consumption
Description
M/A-COM’s MASW2000 is a use-configuratble, high
isolation SPDT switch. It can be absorptive or re-
flective based on user requirements
5. Designed on
M/A-COM’s mature 1-micron MESFET process, this
parts is ideal for modules or other packaging for use
in
the
Cellular,
GPS,
LAN
and
infrastructure
markets.
Ordering Information
1
Part Number
Package
MASW2000
Die
1. Die quantity varies.
Bond Pad Dimensions
Bond Pad
Dimension Inches (mm)
RF
0.004 x 0.004 (0.100 x 0.100)
RF1, RF2
0.009 x 0.009 (0.225 x 0.225)
A1, A2, B1, B2
0.004 x 0.004 (0.100 x 0.100)
GND1, GND2
0.009 x 0.004 (0.225 x 0.105)
RL1, RL2
0.004 x 0.005 (0.100 x 0.125)
DIE Size
0.056 x 0.056 x 0.010 (1.40 x 1.40 x 0.25)
Schematic
RL1
RF1
RF
A1 B1
B2 A2
RF2
RL2
Absolute Maximum Ratings
2
Parameter
Absolute Maximum
Control Voltage
(A1/B2 or A2/B1)
-8.5 VDC
Input RF Power
+34 dBm
Operating Temperature
+175°C
Storage Temperature
-65°C to +175°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Pad Layout
A1
B2
RF
B1
A2
RL1
RL2
GND
GND
RF1
RF2


Similar Part No. - MASW2000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW2000 MACOM-MASW2000 Datasheet
109Kb / 2P
GaAs SPDT Switch DC - 3 GHz
logo
M/A-COM Technology Solu...
MASW2000 MA-COM-MASW2000 Datasheet
58Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
logo
Tyco Electronics
MASW20000 MACOM-MASW20000 Datasheet
87Kb / 2P
GaAs SPDT Switch DC - 20 GHz
logo
M/A-COM Technology Solu...
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
GaAs SPDT Switch DC - 20 GHz
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
GaAs SPDT Switch
More results

Similar Description - MASW2000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008322_V3 MA-COM-MASW-008322_V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
SW-456_V5 MA-COM-SW-456_V5 Datasheet
83Kb / 4P
GaAs SPDT Switch
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
GaAs SPDT Switch
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch
MASW-008075 MA-COM-MASW-008075 Datasheet
105Kb / 3P
GaAs SPDT Switch
MASW-008322-V3 MA-COM-MASW-008322-V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
MASW-008899 MA-COM-MASW-008899 Datasheet
148Kb / 4P
GaAs SPDT Switch
MASW-008322 MA-COM-MASW-008322 Datasheet
633Kb / 5P
GaAs SPDT Switch
MASWSS0136 MA-COM-MASWSS0136_15 Datasheet
596Kb / 4P
GaAs SPDT Switch
MASWSS0176 MA-COM-MASWSS0176_15 Datasheet
639Kb / 4P
GaAs SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com