Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS05M Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS05M
Description  Surface Mount Twin Standard Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS05M Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS05M Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS05M Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SS05M Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SS05M Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SS05M
Surface Mount Twin Standard Rectifiers
Characteristic Curves
(TA=25 ℃ unless otherwise noted)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
30
60
90
120
150
Ambient Temperature (℃)
Fig.1 Forward Current Derating
Curve
8.3ms Single Half
Sine-Wave (JEDEC
Method)
Mounted On FR-4 P.C.B With
0.1X0.1"(2.5x2.5mm) Copper
Pad Areas
0.01
0.1
1
10
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Instantaneous Forward Voltage(V)
Fig.3 Typical Instantaneous
Forward Characteristics
Tj=25℃
Pulse Width =
300
μs
Tj=25℃
Tj=125℃
0.01
0.1
1
10
0
20
40
60
80
100
Percent or Rated Peak Reverse Voltage(%)
Fig.4 Typical Reverse Leakage
Characteristics
5
10
15
20
25
1
10
100
Number of Cycles at 60Hz
Fig.2 Maximum Non-Repetitive Peak
Forward Surge Current
TRR copyright -A 2013-00-130110
- 3 -
http://www.trr-jx.com
2014.06.26
技术中心
已审批



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com