Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS05M Datasheet (PDF) - Guangdong Juxing Electronics Technology Co., Ltd.

SS05M Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.
Part # SS05M
Download  SS05M Download
File Size   896.71 Kbytes
Page   4 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description Surface Mount Twin Standard Rectifiers

SS05M Datasheet (PDF)

Go To PDF Page Download Datasheet
SS05M Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS05M
Download  SS05M Click to download

File Size   896.71 Kbytes
Page   4 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description Surface Mount Twin Standard Rectifiers

SS05M Datasheet (HTML) - Guangdong Juxing Electronics Technology Co., Ltd.




Similar Part No. - SS05M

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
SS05 HIGHLY-SS05 Datasheet
1Mb / 3P
SNAP ACTION SWITCH
logo
Sanyo Semicon Device
SS05015M SANYO-SS05015M Datasheet
33Kb / 3P
Schottky Barrier Diode 15V, 500mA Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
Schottky Barrier Diode 15V, 0.5A Rectifier
SS0503EC SANYO-SS0503EC Datasheet
51Kb / 3P
Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
SS0503EJ SANYO-SS0503EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 500mA Rectifier
More results


Similar Description - SS05M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSF1A FORMOSA-DSF1A Datasheet
159Kb / 2P
Surface Mount Standard Rectifiers
logo
Microdiode Semiconducto...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2A-SMB YFWDIODE-S2A-SMB Datasheet
103Kb / 2P
Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
G501 JUXING-G501 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
G601 JUXING-G601 Datasheet
3Mb / 3P
Surface Mount Standard Rectifiers
S3AP JUXING-S3AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
S5A JUXING-S5A_10 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
S5AP JUXING-S5AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
DSR1A JUXING-DSR1A_19 Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
logo
Shanghai Leiditech Elec...
S5A LEIDITECH-S5A Datasheet
397Kb / 3P
Surface Mount Standard rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com