Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JS Datasheet(PDF) 1 Page - Intel Corporation

Part # 80960JS
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JS Datasheet(HTML) 1 Page - Intel Corporation

  80960JS Datasheet HTML 1Page - Intel Corporation 80960JS Datasheet HTML 2Page - Intel Corporation 80960JS Datasheet HTML 3Page - Intel Corporation 80960JS Datasheet HTML 4Page - Intel Corporation 80960JS Datasheet HTML 5Page - Intel Corporation 80960JS Datasheet HTML 6Page - Intel Corporation 80960JS Datasheet HTML 7Page - Intel Corporation 80960JS Datasheet HTML 8Page - Intel Corporation 80960JS Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V
Embedded 32-Bit Microprocessor
Datasheet
Product Features
s
Code Compatible with all 80960Jx
Processors
s
High-Performance Embedded Architecture
— One Instruction/Clock Execution
— Core Clock Rate is:
1x the Bus Clock for 80960JA/JF/JS
2x the Bus Clock for 80960JD/JC
3x the Bus Clock for 80960JT
— Load/Store Programming Model
— Sixteen 32-Bit Global Registers
— Sixteen 32-Bit Local Registers (8 sets)
— Nine Addressing Modes
— User/Supervisor Protection Model
s
Two-Way Set Associative Instruction
Cache
— 80960JA - 2 Kbyte
— 80960JF/JD - 4 Kbyte
— 80960JS/JC/JT - 16 Kbyte
— Programmable Cache-Locking
Mechanism
s
Direct Mapped Data Cache
— 80960JA - 1 Kbyte
— 80960JF/JD - 2 Kbyte
— 80960JS/JC/JT - 4 Kbyte
— Write Through Operation
s
On-Chip Stack Frame Cache
— Seven Register Sets May Be Saved
— Automatic Allocation on Call/Return
— 0-7 Frames Reserved for High-Priority
Interrupts
s
On-Chip Data RAM
— 1 Kbyte Critical Variable Storage
— Single-Cycle Access
s
3.3 V Supply Voltage
— 5 V Tolerant Inputs
— TTL Compatible Outputs
s
High Bandwidth Burst Bus
— 32-Bit Multiplexed Address/Data
— Programmable Memory Configuration
— Selectable 8-, 16-, 32-Bit Bus Widths
— Supports Unaligned Accesses
— Big or Little Endian Byte Ordering
s
High-Speed Interrupt Controller
— 31 Programmable Priorities
— Eight Maskable Pins plus NMI#
— Up to 240 Vectors in Expanded Mode
s
Two On-Chip Timers
— Independent 32-Bit Counting
— Clock Prescaling by 1, 2, 4 or 8
— Internal Interrupt Sources
s
Halt Mode for Low Power
s
IEEE 1149.1 (JTAG) Boundary Scan
Compatibility
s
Packages
— 132-Lead Pin Grid Array (PGA)
— 132-Lead Plastic Quad Flat Pack
(PQFP)
— 196-Ball Mini Plastic Ball Grid Array
(MPBGA)
Order Number: 273159-006
August 2004


Similar Part No. - 80960JS

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JA INTEL-80960JA Datasheet
1Mb / 63P
EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
825Kb / 77P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 78P
EMBEDDED 32-BIT MICROPROCESSOR
80960JA-25 INTEL-80960JA-25 Datasheet
1Mb / 63P
EMBEDDED 32-BIT MICROPROCESSOR
80960JA-33 INTEL-80960JA-33 Datasheet
1Mb / 63P
EMBEDDED 32-BIT MICROPROCESSOR
More results

Similar Description - 80960JS

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JA INTEL-80960JA Datasheet
1Mb / 63P
EMBEDDED 32-BIT MICROPROCESSOR
80960JD INTEL-80960JD Datasheet
2Mb / 61P
EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
825Kb / 77P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
A80960JD-66 INTEL-A80960JD-66 Datasheet
744Kb / 59P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
EMBEDDED 32-BIT MICROPROCESSOR
logo
Advanced Micro Devices
A80486DX4 AMD-A80486DX4 Datasheet
1Mb / 25P
High-performance, clock-selectable, 3.3 V, 32-Bit microprocessor
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
Intel Corporation
273159-006 INTEL-273159-006 Datasheet
4Mb / 86P
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com