Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JS Datasheet(PDF) 23 Page - Intel Corporation

Part # 80960JS
Description  80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JS Datasheet(HTML) 23 Page - Intel Corporation

Back Button 80960JS Datasheet HTML 19Page - Intel Corporation 80960JS Datasheet HTML 20Page - Intel Corporation 80960JS Datasheet HTML 21Page - Intel Corporation 80960JS Datasheet HTML 22Page - Intel Corporation 80960JS Datasheet HTML 23Page - Intel Corporation 80960JS Datasheet HTML 24Page - Intel Corporation 80960JS Datasheet HTML 25Page - Intel Corporation 80960JS Datasheet HTML 26Page - Intel Corporation 80960JS Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
Datasheet
23
3.2.2
80960Jx 132-Lead PGA Pinout
Figure 3. 132-Lead Pin Grid Array Top View-Pins Facing Down
AD6
AD11 AD13 VCC
VCC
VCC
VCC
VCC
VCC
VCC AD18 AD19 AD22 AD25
AD3
AD7 AD10 VSS
VSS
VSS
VSS
VSS
VSS
VSS AD20 AD24 AD26 AD27
AD0
AD4 AD8
AD9
AD12 AD14 AD15 AD16
AD17 AD21 AD23
AD29 AD30
NC
AD28 BE3#
BE2#
AD31 VSS
VCC
BE1# VSS
VCC
BE0#
VSS
VCC
ALE
VCC
BSTAT VSS
VCC
VSS
VCC
DT/R# VSS
VCC
VCC
AD1
VCC
VSS
VCC
VSS
NC
CLKIN
VSS VCCPLL
VCC
VSS
NC
VCC
RDYRCV#
VCC
RESET#
VCC
VSS
AD5
AD2
VSS
TDI
XINT0#
NC
A2
WIDTH/ ADS#
A3
XINT1#
TMS XINT2#
NC
STESTTRST#
HOLD
NC
FAIL#
VCC5
BLAST#
LOCK#/
HOLDA
TCK XINT3#
XINT5#XINT7# NMI#
VCC VCC
VCC
VCC
NC
NC
ALE#
XINT6# VSS
VSS
VSS
VSS
NC
TDO WIDTH/ D/C#
W/R#
XINT4#
P
N
M
L
K
J
H
G
F
E
D
C
B
A
P
N
M
L
K
J
H
G
F
E
D
C
B
A
14
13
12
11
10
9
8
7
6
5
4
3
2
1
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VSS
DEN#
VSS
HLTD1
HLTD0
ONCE#
i
© 19xx
x80960Jx
XXXXXXXX SS
M
NOTE: To address the fact that many of the package prefix variables have changed, all package prefix
variables in this document are now indicated with an "x".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com