Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR343ECT Datasheet(PDF) 1 Page - Rohm

Part # SLR343ECT
Description  Viewing angle 20 1/2 40
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR343ECT Datasheet(HTML) 1 Page - Rohm

  SLR343ECT Datasheet HTML 1Page - Rohm SLR343ECT Datasheet HTML 2Page - Rohm SLR343ECT Datasheet HTML 3Page - Rohm SLR343ECT Datasheet HTML 4Page - Rohm SLR343ECT Datasheet HTML 5Page - Rohm SLR343ECT Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
2.5 or 5.0
2.0
1.0 ±0.1
(2.5)
Cathode
φ3.8
φ3.1
□0.4
(unit : mm)
Tolerance :
±0.2
(unit : mm)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
050
100
50
100
0°
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
050
100
50
100
0°
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
SLR-343 Series
SLR343BC7T / SLR343WBC7T
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
SLR343BCT / ECT / BC4T / EC4T
Directivity (deg)
RELATIVE INTENSITY (%)
Viewing angle 2
θ 1/2 /
40 : Standard
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta
=25℃)
Electrical and Optical Characteristics (Ta
=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(
℃)
Storage
Temperature
Tstg(
℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV
Typ.
(V)
IF(mA)
Max.
(
μA)
VR(V)
λD
Typ.(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd) I
F
(mA)
■
SLR-343VR
GaAsP
on GaP
Red
60
20
60*1
3
-25 to +85
-30 to +100
2.0
10
10
3
630
10
5.6
16
10
■
SLR-343VC
9.0
25
■
SLR-343DU
Orange
605
5.6
16
■
SLR-343DC
9.0
25
■
SLR-343YY
Yellow
2.1
587
3.6
10
■
SLR-343YC
5.6
16
■
SLR-343MG
GaP
Green
75
25
572
■
SLR-343MC
9.0
25
■
SLR-343PG
560
2.2
6.3
■
SLR-343PC
■
SLR343ECT
InGaN
Bluish
Green
120
30
100*2
5
-20 to +80
-30 to +100
3.3
20
100
5
527
20
900
2200
20
■
SLR343EC4T
3.2
525
420
1500
■
SLR343BCT
Blue
120
30
3.3
470
200
600
■
SLR343BC7T
105
25
3.2
220
470
■
SLR343BC4T
120
30
200
■
SLR343WBC7T
White
105
25
(x, y)
(0.31, 0.31)
330
680
Diffused
Clear
SLR343BCT / ECT
SLR343BC4T / EC4T
SLR343BC7T
SLR343WBC7T
*1:Duty1/5, 200Hz, *2:Duty1/10, 1kHz
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
Features
・Viewing angle 2θ 1/2 : 40°
・Competent to direct mount
Color
Type
V
D
Y
M
P
E
B
WB
SLR-343 Series
1/4
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2013.04 - Rev.D


Similar Part No. - SLR343ECT

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR343ECT ROHM-SLR343ECT Datasheet
206Kb / 3P
HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLR343ECT ROHM-SLR343ECT Datasheet
164Kb / 5P
Competent to direct mount
SLR343ECT ROHM-SLR343ECT Datasheet
176Kb / 5P
SLR-343 Series
SLR343ECT ROHM-SLR343ECT Datasheet
164Kb / 5P
Electrical Characteristics Curves
SLR343ECT3F ROHM-SLR343ECT3F Datasheet
176Kb / 5P
SLR-343 Series
More results

Similar Description - SLR343ECT

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-570U2T ROHM-SLI-570U2T Datasheet
129Kb / 3P
Viewing angle 2 1/2 : 20 (SLI-570 Series) Viewing angle 2 1/2 : 25 (SLA-570 Series)
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-342 ROHM-SLR-342_10 Datasheet
878Kb / 4P
Viewing angle 2 1/2 : 40 Series
SLR-56MC3F ROHM-SLR-56MC3F Datasheet
899Kb / 4P
Viewing angle 2 1/2 : 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
Viewing angle 20 1/2 40
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
Viewing angle 2 1/2 40
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
Viewing angle 20 1/2 40
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com