Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZICM357SP2-1-R Datasheet(PDF) 17 Page - California Eastern Labs

Part # ZICM357SP2-1-R
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP2-1-R Datasheet(HTML) 17 Page - California Eastern Labs

Back Button ZICM357SP2-1-R Datasheet HTML 10Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 11Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 12Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 13Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 14Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 15Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 16Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 17Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 18Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
EM357 Mini Modules
Page 17
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
REFERENCES
Reference Documents
Download
120-035X-000 - Silicon Labs/Ember EM35x SoC Datasheet
Link
0011-02-17-00-000 - CEL EM35x Ember Mini Module Companion Kit Technical User Guide
Link
0011-00-16-11-000 - CEL ZICM357SP2-1C External Antenna Implementation
Link
REVISION HISTORY
Previous Versions
Changes to Current Version
Page(s)
0011-00-07-00-000
March 29, 2012
Initial preliminary datasheet
N/A
0011-00-07-00-000
(Issue A) April 11, 2012
Added FCC certification and shipping information; edited "Features" Section
1, 13
0011-00-07-00-000
(Issue B) May 4, 2012
Updated Min/Multiple values
1, 13
0011-00-07-00-000
(Issue C) June 22, 2012
Updated Software Compliance table
13
0011-00-07-00-000
(Issue D) July 31, 2012
Updated land pattern; added note about operating in Boost Mode on SP2
9
0011-00-07-00-000
(Issue E) February 28, 2013
Removed "Preliminary" from first page
1
0011-00-07-00-000
(Issue F) July 19, 2013
Updated Antenna Section, Software Compliance Section, Shipment Section
4, 13, 14
0011-00-07-00-000
(Issue G) July 31, 2013
Updated Formatting
All
0011-00-07-00-000
(Issue H) October 18, 2013
Updated Photo; updated Tape and Reel Packaging MOQ
1, 3, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com