Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZICM357SP2-1-R Datasheet(PDF) 7 Page - California Eastern Labs

Part # ZICM357SP2-1-R
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP2-1-R Datasheet(HTML) 7 Page - California Eastern Labs

Back Button ZICM357SP2-1-R Datasheet HTML 3Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 4Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 5Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 6Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 7Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 8Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 9Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 10Page - California Eastern Labs ZICM357SP2-1-R Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
EM357 Mini Modules
Page 7
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
PIN SIGNALS I/O PORT CONFIGURATION
CEL’s MeshConnect Module has 33 edge I/O interfaces for connection to the user’s host board. The MeshConnect
Module Dimensions shows the layout of the 33 edge castellations.
MESHCONNECT I/O PIN ASSIGNMENTS
CEL MeshConnect
ZICM357SPx Module
Pin Number
Ember EM357
IC Pin Number
Name
Notes
1, 2, 12, 31, 33
49
GROUND
3
11
PC5
Digital I/O
TX_ACTIVE - Logic-level control for PA. The EM35x baseband controls TX_
ACTIVE and drives it high when in TX mode
Applies only to the ZICM357SP0. PC5 is a NC on the ZICM357SP2
4
12
RESET
Active Low chip reset (Input)
5
13
PC6
Digital I/O
OSC32B - 32.768 kHz crystal oscillator
nTX_ACTIVE - Inverted TX_ACTIVE signal
6
14
PC7
Digital I/O
OSC32A - 32.768 kHz crystal oscillator
OSC32_EXT - Digital 32.768 kHz clock input source
7
18
PA7
Digital I/O
TIM1C4 - Timer 1 Channel 4 input/output
REG_EN - External regulator open drain output
8
19
PB3
Digital I/O
TIM2C3 - Timer 2 Channel 3 input/output
SC1nCTS - UART CTS handshake of Serial Controller 1
SC1SCLK - SPI master/slave clock of Serial Controller 1
9
20
PB4
Digital I/O
TIM2C4 - Timer 2 Channel 4 input/output
SC1nRTS - UART RTS handshake of Serial Controller 1
SC1nSSEL - SPI slave select of Serial Controller 1
10
21
PA0
Digital I/O
TIM2C1 - Timer 2 Channel 1 input/output
SC2MOSI - SPI master data out/slave data in of Serial Controller 2
11
22
PA1
Digital I/O
TIM2C3 - Timer 2 Channel 3 input/output
SC2SDA - TWI data of Serial Controller 2
SC2MISO - SPI master data in/slave data out of Serial Controller 2
13
16, 23, 28, 37
VCC
14
24
PA2
Digital I/O
TIM2C4 - Timer 2 Channel 4 input/output
SC2SCL - TWI clock of Serial Controller 2
SC2SCLK - SPI master/slave clock of Serial Controller 2
15
25
PA3
Digital I/O
TIM2C2 - Timer 2 channel 2 input/output
SC2nSSEL - SPI slave select of Serial Controller 2
TRACECLK - Synchronous CPU trace clock
16
26
PA4
Digital I/O
ADC4 - ADC Input 4
PTI_EN - Frame signal of Packet Trace Interface (PTI)
TRACEDATA2 - Synchronous CPU trace data bit 2
17
27
PA5
Digital I/O
ADC5 - ADC Input 5
PTI_DATA - Data signal of Packet Trace Interface (PTI)
nBOOTMODE - Embedded serial bootloader activation out of reset
TRACEDATA3 - Synchronous CPU trace data bit 3
18
29
PA6
Digital I/O
TIM1C3 - Timer 1 channel 3 input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com