Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC123B Datasheet(PDF) 13 Page - Sharp Corporation

Part # PC123B
Description  DIP 4pin Reinforced Insulation Type Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123B Datasheet(HTML) 13 Page - Sharp Corporation

Back Button PC123B Datasheet HTML 8Page - Sharp Corporation PC123B Datasheet HTML 9Page - Sharp Corporation PC123B Datasheet HTML 10Page - Sharp Corporation PC123B Datasheet HTML 11Page - Sharp Corporation PC123B Datasheet HTML 12Page - Sharp Corporation PC123B Datasheet HTML 13Page - Sharp Corporation PC123B Datasheet HTML 14Page - Sharp Corporation PC123B Datasheet HTML 15Page - Sharp Corporation PC123B Datasheet HTML 16Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Sheet No.: D2-A02902EN
■ Package specification
13
12.0
6.7
15.0
6.35
520
±2
520
±2
PC123 Series
● Sleeve package
1. Through-Hole
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 100pcs of products shall be packaged in a sleeve. Both ends shall be closed by tabbed and tabless
stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions
(Unit : mm)
(Unit : mm)
2. Wide Through-Hole
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 100pcs of products shall be packaged in a sleeve. Both ends shall be closed by tabbed and tabless
stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com