Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSST270 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # JSST270
Description  P-Channel JFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST270 Datasheet(HTML) 1 Page - Vishay Siliconix

  JSST270 Datasheet HTML 1Page - Vishay Siliconix JSST270 Datasheet HTML 2Page - Vishay Siliconix JSST270 Datasheet HTML 3Page - Vishay Siliconix JSST270 Datasheet HTML 4Page - Vishay Siliconix JSST270 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
J/SST270 Series
Vishay Siliconix
Document Number: 70258
S-04233—Rev. D, 02-Jul-01
www.vishay.com
8-1
P-Channel JFETs
J270
SST270
J271
SST271
PRODUCT SUMMARY
Part Number
VGS(off) (V)
V(BR)GSS Min (V)
gfs Min (mS)
IDSS Min (mA)
J/SST270
0.5 to 2.0
30
6
–2
J/SST271
1.5 to 4.5
30
8
–6
FEATURES
BENEFITS
APPLICATIONS
D Low Cutoff Voltage: J270 <2 V
D High Input Impedance
D Very Low Noise
D High Gain
D Full Performance from Low-Voltage Power
Supply: Down to 2 V
D Low Signal Loss/System Error
D High System Sensitivity
D High-Quality, Low-Level Signal Amplification
D High-Gain, Low-Noise Amplifiers
D Low-Current, Low-Voltage Battery
Amplifiers
D Ultrahigh Input Impedance Pre-Amplifiers
D High-Side Switching
DESCRIPTION
The J/SST270 series consists of all-purpose amplifiers for
designs requiring p-channel operation.
The TO-226AA (TO-92) plastic package provides a low-cost
option, while the TO-236 (SOT-23) package
provides surface-mount capability. Both the J and SST series
are available in tape-and-reel for automated assembly (see
Packaging Information).
D
S
G
TO-236
(SOT-23)
Top View
2
3
1
TO-226AA
(TO-92)
Top View
D
S
G
1
2
3
*Marking Code for TO-236
SST270 (S0)*
SST271 (S1)*
J270
J271
ABSOLUTE MAXIMUM RATINGS
Gate-Drain Voltage
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate-Source Voltage
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (1/16” from case for 10 sec.)
300
_C
. . . . . . . . . . . . . . . . . . .
Power Dissipationa
350 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Derate 2.8 mW/
_C above 25_C


Similar Part No. - JSST270

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
JSST201 VISHAY-JSST201 Datasheet
83Kb / 6P
N-Channel JFETs
15-Mar-04
JSST201 VISHAY-JSST201 Datasheet
83Kb / 6P
N-Channel JFETs
15-Mar-04
JSST202 VISHAY-JSST202 Datasheet
83Kb / 6P
N-Channel JFETs
15-Mar-04
JSST202 VISHAY-JSST202 Datasheet
83Kb / 6P
N-Channel JFETs
15-Mar-04
JSST204 VISHAY-JSST204 Datasheet
83Kb / 6P
N-Channel JFETs
15-Mar-04
More results

Similar Description - JSST270

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SST5460 VISHAY-SST5460 Datasheet
50Kb / 5P
P-Channel JFETs
04-Jun-01
2N5114JAN VISHAY-2N5114JAN Datasheet
28Kb / 3P
P-Channel JFETs
04-Jun-01
SST174 VISHAY-SST174 Datasheet
55Kb / 6P
P-Channel JFETs
04-Jun-01
J270 VISHAY-J270 Datasheet
44Kb / 4P
P-Channel JFETs
02-Jul-01
logo
New Jersey Semi-Conduct...
2N5018 NJSEMI-2N5018 Datasheet
129Kb / 1P
P-CHANNEL JFETS
logo
Vishay Siliconix
SST174-E3 VISHAY-SST174-E3 Datasheet
81Kb / 7P
P-Channel JFETs
04-Jun-01
SST176-T1 VISHAY-SST176-T1 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
SST174-T1-E3 VISHAY-SST174-T1-E3 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
J175-E3 VISHAY-J175-E3 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
logo
New Jersey Semi-Conduct...
2N3382 NJSEMI-2N3382 Datasheet
83Kb / 1P
p-channel JFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com