Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSST270 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # JSST270
Description  P-Channel JFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST270 Datasheet(HTML) 4 Page - Vishay Siliconix

  JSST270 Datasheet HTML 1Page - Vishay Siliconix JSST270 Datasheet HTML 2Page - Vishay Siliconix JSST270 Datasheet HTML 3Page - Vishay Siliconix JSST270 Datasheet HTML 4Page - Vishay Siliconix JSST270 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
J/SST270 Series
Vishay Siliconix
www.vishay.com
8-4
Document Number: 70258
S-04233—Rev. D, 02-Jul-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
250
200
150
100
50
0
–1
–10
–100
On-Resistance vs. Drain Current
ID – Drain Current (mA)
TA = 25_C
VGS(off) = 1.5 V
3 V
5 V
300
–55
25
125
0
–15
85
On-Resistance vs. Temperature
TA – Temperature (_C)
VGS(off) = 1.5 V
3 V
5 V
ID = –1 mA
rDS changes X 0.7%/
_C
240
180
120
60
–35
5
45
65
105
Gate Leakage Current
VDG – Drain-Gate Voltage (V)
TA = 125_C
TA = 25_C
–10 mA
10 nA
100 pA
100 nA
1 nA
10 pA
1 pA
0.1 pA
0
–40
–20
–10
–50
–30
IGSS @ 125
_C
IGSS @ 25_C
ID = –10 mA
10
100
1 k
100 k
10 k
100
10
1
Noise Voltage vs. Frequency
f – Frequency (Hz)
VDS = –10 V
ID = –0.1 mA
–1 mA
Transconductance vs. Drain Current
Output Conductance vs. Drain Current
–0.1
–1
–10
100
10
1
TA = –55_C
125
_C
ID – Drain Current (mA)
ID – Drain Current (mA)
–0.1
–1
–10
100
10
1
TA = –55_C
125
_C
25
_C
VDS = –15 V
f = kHz
VGS(off) = 3 V
VGS(off) = 3 V
VDS = –15 V
f = kHz
25
_C
–1 mA
–1 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com