Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T8F18W-CWO2-US Datasheet(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # T8F18W-CWO2-US
Description  LED T-8 Light Tube
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

T8F18W-CWO2-US Datasheet(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

  T8F18W-CWO2-US Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-CWO2-US Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-CWO2-US Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-CWO2-US Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-CWO2-US Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-CWO2-US Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-CWO2-US Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LED T-8 Light Tube
T8F18W-CWO2-US
Rev.: A /1
◆Packaging Method:
DRAWING NO. : DS-80-13-XXXX
DATE : 2013-9-24
Page : 7
25pcs tubes per shipping box
Tube box size: 1225mm x 33mm x 33mm (LxWxH)
Shipping box size: 1235mm x 200mm x 200mm (LxWxH)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com