Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T8F18W-CWO2-US Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # T8F18W-CWO2-US
Description  LED T-8 Light Tube
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

T8F18W-CWO2-US Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  T8F18W-CWO2-US Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-CWO2-US Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-CWO2-US Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-CWO2-US Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-CWO2-US Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-CWO2-US Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-CWO2-US Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LED T-8 Light Tube
T8F18W-CWO2-US
Rev.: A /1
◆ Product Features and Overview:
1. Extrude aluminum heat-sink with superior heat dissipating capability enables longer
product life.
2. No glare design.
3. Using constant current driving circuit with power factor correction. Internal short circuit
protection with auto recovery circuit
4. Using micro-chip shunt circuit driving technique to maximize efficacy.
5. Semiconductor light-emitting principle of power-saving than traditional fluorescent
lamps about 32%.
6. LED life span
≥35,000 hours.
7. Low radiated heat.
8. RoHS compliant & CE approved.
9. UL Number:E358088
DRAWING NO. : DS-80-13-XXXX
DATE : 2013-9-24
Page : 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com