Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8562FS Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8562FS
Description  5 Volt, Parallel Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8562FS Datasheet(HTML) 4 Page - Analog Devices

  DAC8562FS Datasheet HTML 1Page - Analog Devices DAC8562FS Datasheet HTML 2Page - Analog Devices DAC8562FS Datasheet HTML 3Page - Analog Devices DAC8562FS Datasheet HTML 4Page - Analog Devices DAC8562FS Datasheet HTML 5Page - Analog Devices DAC8562FS Datasheet HTML 6Page - Analog Devices DAC8562FS Datasheet HTML 7Page - Analog Devices DAC8562FS Datasheet HTML 8Page - Analog Devices DAC8562FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DAC8562
REV. A
–4–
Table II. Nominal Output Voltage vs. Input Code
Binary
Hex
Decimal
Output (V)
0000 0000 0000
000
0
0.000 Zero Scale
0000 0000 0001
001
1
0.001
0000 0000 0010
002
2
0.002
0000 0000 1111
00F
15
0.015
0000 0001 0000
010
16
0.016
0000 1111 1111
0FF
255
0.255
0001 0000 0000
100
256
0.256
0001 1111 1111
1FF
511
0.511
0010 0000 0000
200
512
0.512
0011 1111 1111
3FF
1023
1.023
0100 0000 0000
400
1024
1.024
0111 1111 1111
7FF
2047
2.047
1000 0000 0000
800
2048
2.048 Half Scale
1100 0000 0000
C00
3072
3.072
1111 1111 1111
FFF
4095
4.095 Full Scale
PIN DESCRIPTIONS
Pin
Name
Description
20
VDD
Positive supply. Nominal value
+5 volts,
±5%.
1-9
DB0-DB11
Twelve Binary Data Bit inputs. DB11
17-19
is the MSB and DB0 is the LSB.
16
CE
Chip Enable. Active low input.
15
CLR
Active low digital input that clears the
DAC register to zero, setting the DAC
to minimum scale.
8
DGND
Digital ground for input logic.
12
AGND
Analog Ground. Ground reference for
the internal bandgap reference voltage,
the DAC, and the output buffer.
13
VOUT
Voltage output from the DAC. Fixed
output voltage range of 0 V to 4.095 V
with 1 mV/LSB. An internal tempera-
ture stabilized reference maintains a
fixed full-scale voltage independent of
time, temperature and power supply
variations.
14
REFOUT
Nominal 2.5 V reference output volt-
age. This node must be buffered if re-
quired to drive external loads.
11
NC
No Connection. Leave pin floating.
PIN CONFIGURATIONS
20-Pin P-DIP
(N-20)
SOL-20
(R-20)
ORDERING GUIDE
INL
Temperature
Package
Model
(LSB)
Range
Option
DAC8562EP
±1/2
–40
°C to +85°C
N-20
DAC8562FP
±1
–40
°C to +85°C
N-20
DAC8562FS
±1
–40
°C to +85°C
R-20
DAC8562GBC
±1
+25
°C
Dice
DICE CHARACTERISTICS
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
DGND
AGND
V
OUT
REFOUT
CLR
CE
DB0
DB1
DB2
V
DD
DB11
DB10
DB9
DB6
DB5
DB4
DB3
DB8
DB7
SUBSTRATE IS COMMON WITH V
DD
.
TRANSISTOR COUNT: 524
DIE SIZE: 0.70 X 0.105 INCH; 7350 SQ MILS
1
TOP VIEW
(Not to Scale)
DAC-8562
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TOP VIEW
(Not to Scale)
DAC-8562
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DGND
VDD
DB2
DB1
DB0
REFOUT
VOUT
AGND
NC
NC = NO CONNECT
CE
CLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com