Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8562FS Datasheet(PDF) 5 Page - Analog Devices

Part # DAC8562FS
Description  5 Volt, Parallel Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8562FS Datasheet(HTML) 5 Page - Analog Devices

  DAC8562FS Datasheet HTML 1Page - Analog Devices DAC8562FS Datasheet HTML 2Page - Analog Devices DAC8562FS Datasheet HTML 3Page - Analog Devices DAC8562FS Datasheet HTML 4Page - Analog Devices DAC8562FS Datasheet HTML 5Page - Analog Devices DAC8562FS Datasheet HTML 6Page - Analog Devices DAC8562FS Datasheet HTML 7Page - Analog Devices DAC8562FS Datasheet HTML 8Page - Analog Devices DAC8562FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DAC8562
REV. A
–5–
OPERATION
The DAC8562 is a complete ready to use 12-bit digital-to-
analog converter. Only one +5 V power supply is necessary for
operation. It contains a voltage-switched, 12-bit, laser-trimmed
digital-to-analog converter, a curvature-corrected bandgap refer-
ence, a rail-to-rail output op amp, and a DAC register. The par-
allel data interface consists of 12 data bits, DB0–DB11, and a
active low CE strobe. In addition, an asynchronous CLR pin
will set all DAC register bits to zero causing the VOUT to be-
come zero volts. This function is useful for power on reset or
system failure recovery to a known state.
D/A CONVERTER SECTION
The internal DAC is a 12-bit voltage-mode device with an out-
put that swings from AGND potential to the 2.5 volt internal
bandgap voltage. It uses a laser trimmed R-2R ladder which is
switched by N channel MOSFETs. The output voltage of the
DAC has a constant resistance independent of digital input
code. The DAC output (not available to the user) is internally
connected to the rail-to-rail output op amp.
AMPLIFIER SECTION
The internal DAC’s output is buffered by a low power con-
sumption precision amplifier. This low power amplifier contains
a differential PNP pair input stage which provides low offset
voltage and low noise, as well as the ability to amplify the zero-
scale DAC output voltages. The rail-to-rail amplifier is config-
ured in a gain of 1.6384 (= 4.095 V/2.5 V) in order to set the
4.095 volt full-scale output (1 mV/LSB). See Figure 3 for an
equivalent circuit schematic of the analog section.
R1
R2
VOUT
RAIL-TO-RAIL
OUTPUT
AMPLIFIER
R
BANDGAP
REFERENCE
REFOUT
2.5V
2R
R
2R
2R
2R
SPDT
N ch FET
SWITCHES
2R
AV = 4.096/2.5
= 1.636V/V
VOLTAGE SWITCHED 12-BIT
R-2R D/A CONVERTER
BUFFER
Figure 3. Equivalent DAC8562 Schematic of
Analog Portion
The op amp has a 16
µs typical settling time to 0.01%. There
are slight differences in settling time for negative slewing signals
versus positive. See the oscilloscope photos in the Typical Per-
formances section of this data sheet.
OUTPUT SECTION
The rail-to-rail output stage of this amplifier has been designed
to provide precision performance while operating near either
power supply. Figure 4 shows an equivalent output schematic of
the rail-to-rail amplifier with its N channel pull down FETs that
will pull an output load directly to GND. The output sourcing
current is provided by a P channel pull-up device that can sup-
ply GND terminated loads, especially important at the –5%
supply tolerance value of 4.75 volts.
VDD
VOUT
AGND
N-CH
P-CH
Figure 4. Equivalent Analog Output Circuit
Figures 5 and 6 in the typical performance characteristics sec-
tion provide information on output swing performance near
ground and full scale as a function of load. In addition to resis-
tive load driving capability, the amplifier has also been carefully
designed and characterized for up to 500 pF capacitive load
driving capability.
REFERENCE SECTION
The internal 2.5 V curvature-corrected bandgap voltage refer-
ence is laser trimmed for both initial accuracy and low tempera-
ture coefficient. The voltage generated by the reference is
available at the REFOUT pin. Since REFOUT is not intended
to drive external loads, it must be buffered–refer to the applica-
tions section for more information. The equivalent emitter fol-
lower output circuit of the REFOUT pin is shown in Figure 3.
Bypassing the REFOUT pin is not required for proper opera-
tion. Figure 7 shows broadband noise performance.
POWER SUPPLY
The very low power consumption of the DAC8562 is a direct
result of a circuit design optimizing use of the CBCMOS pro-
cess. By using the low power characteristics of the CMOS for
the logic, and the low noise, tight matching of the complemen-
tary bipolar transistors, good analog accuracy is achieved.
For power-consumption sensitive applications it is important to
note that the internal power consumption of the DAC8562 is
strongly dependent on the actual logic-input voltage-levels
present on the DB0–DB11, CE and CLR pins. Since these in-
puts are standard CMOS logic structures, they contribute static
power dissipation dependent on the actual driving logic VOH and
VOL voltage levels. The graph in Figure 9 shows the effect on to-
tal DAC8562 supply current as a function of the actual value of
input logic voltage. Consequently for optimum dissipation use
of CMOS logic versus TTL provides minimal dissipation in the
static state. A VINL = 0 V on the DB0–DB11 pins provides the
lowest standby dissipation of 600
µA with a +5 V power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com