Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDZ2V7ASF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDZ2V7ASF
Description  0.5W SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ2V7ASF Datasheet(HTML) 1 Page - Diodes Incorporated

  DDZ2V7ASF Datasheet HTML 1Page - Diodes Incorporated DDZ2V7ASF Datasheet HTML 2Page - Diodes Incorporated DDZ2V7ASF Datasheet HTML 3Page - Diodes Incorporated DDZ2V7ASF Datasheet HTML 4Page - Diodes Incorporated DDZ2V7ASF Datasheet HTML 5Page - Diodes Incorporated DDZ2V7ASF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DDZ2V4ASF – DDZ39DSF
Document number: DS31987 Rev. 17 - 2
1 of 6
www.diodes.com
March 2012
© Diodes Incorporated
DDZ2V4ASF – DDZ39DSF
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Features
•
500mW Power Dissipation on FR-4 PCB
•
Very Tight Tolerance on VZ
•
Ideally Suited for Automated Assembly Processes
•
Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
•
Halogen and Antimony Free "Green" Device (Notes 2 & 3)
•
Mechanical Data
•
Case: SOD323F
•
Case Material: Molded Plastic, “Green Molding Compound”.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: Cathode Band
•
Terminals: Finish - Matte Tin annealed over Copper Alloy
leadframe. Solderable per MIL-STD-202, Method 208
•
Weight: 0.01 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DDZxx(x)xSF-7*
SOD323F
3000/Tape & Reel
* Add "-7" to the appropriate type number in Electrical Characteristics Table on page 2. Example: DDZ10BSF-7.
Notes:
1. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead.
2. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
Code
X
Y
Z
A
B
C
D
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
xx = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: W = 2009)
M = Month (ex: 9 = September)
XX


Similar Part No. - DDZ2V7ASF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ2V7ASF DIODES-DDZ2V7ASF Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
DDZ2V7ASF DIODES-DDZ2V7ASF Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
DDZ2V7ASF DIODES-DDZ2V7ASF Datasheet
223Kb / 6P
SURFACE MOUNT PRECISION ZENER DIODE
Rev 20
More results

Similar Description - DDZ2V7ASF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ3V6BSF DIODES-DDZ3V6BSF Datasheet
102Kb / 4P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
DS31987 Rev. 11 - 2
UDZ5V1BF DIODES-UDZ5V1BF Datasheet
93Kb / 4P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
DS32228 Rev. 5 - 2
DDZ2V4ASF DIODES-DDZ2V4ASF Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
DDZ12CSF-7 DIODES-DDZ12CSF-7 Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
DDZ33DSF-7 DIODES-DDZ33DSF-7 Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
DDZ10ASF-7 DIODES-DDZ10ASF-7 Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
UDZ5V1BF DIODES-UDZ5V1BF_15 Datasheet
93Kb / 4P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev erse
DDZ2V4ASF DIODES-DDZ2V4ASF_15 Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
DDZ5V6ASFQ DIODES-DDZ5V6ASFQ Datasheet
287Kb / 5P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
July 2018 Rev. 2 - 2
DDZ9692TQ DIODES-DDZ9692TQ Datasheet
400Kb / 5P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com