Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDZ2V7ASF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDZ2V7ASF
Description  0.5W SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ2V7ASF Datasheet(HTML) 4 Page - Diodes Incorporated

  DDZ2V7ASF Datasheet HTML 1Page - Diodes Incorporated DDZ2V7ASF Datasheet HTML 2Page - Diodes Incorporated DDZ2V7ASF Datasheet HTML 3Page - Diodes Incorporated DDZ2V7ASF Datasheet HTML 4Page - Diodes Incorporated DDZ2V7ASF Datasheet HTML 5Page - Diodes Incorporated DDZ2V7ASF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DDZ2V4ASF – DDZ39DSF
Document number: DS31987 Rev. 17 - 2
4 of 6
www.diodes.com
March 2012
© Diodes Incorporated
DDZ2V4ASF – DDZ39DSF
0
0.1
0.2
0.3
0.4
0.5
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
0.6
R
= 250°C/W
θJA
Note 5
0.001
0.01
0.1
1
0.2
0.4
0.6
0.8
1.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = -65°C
A
T = -40°C
A
T = 25°C
A
T = 85°C
A
T = 105°C
A
T = 125°C
A
T = 150°C
A
1.0
-50
-40
-30
-20
-10
0
10
20
30
40
50
010
20
30
40
V , ZENER VOLTAGE (V)
Z
Fig. 3 Temperature Coefficient vs. Zener Voltage
0
2
4
6
8
101214
16
18
20
22
V , ZENER VOLTAGE (V)
Fig. 4 Typical
Characteristics
Z
Zener Breakdown
0
4
8
12
16
20
3V6BSF
5V1BSF
5V6BSF
6V2BSF
20BSF
15BSF
12BSF
11BSF
10BSF
24
26
28
36
18BSF
27DSF
30BSF
30
32
34
36BSF
24BSF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com