Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-191D Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # HT-191D
Description  Label Specifications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-191D Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button HT-191D Datasheet HTML 14Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 15Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 16Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 17Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 18Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 19Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 20Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 21Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Top-emitting 0603 (1608)
HT-191 Series
Official Product
Product: HT-191 Series
Data Sheet No.
Tentative Product
****************
HT-191 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Jan. 14, 2009
Version of 1.4
Page
18/25
Packaging
Tape Dimension
Part No.
Dim. A
Dim. B
Dim. C
Q’ty/Reel
HT-191
1.80±0.10 0.95±0.10 0.75±0.10
4K
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com