Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-191D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HT-191D
Description  Label Specifications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-191D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HT-191D Datasheet HTML 1Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 2Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 3Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 4Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 5Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 6Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 7Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-191D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Top-emitting 0603 (1608)
HT-191 Series
Official Product
Product: HT-191 Series
Data Sheet No.
Tentative Product
****************
HT-191 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Jan. 14, 2009
Version of 1.4
Page
5/25
Specification
Material
Quantity
Resin
Clear Diffused
Epoxy resin
Carrier tape
Per EIA 481-1A specs
Conductive black tape
4000pcs per reel
Reel
Per EIA 481-1A specs
Conductive black
Label
HT standard
Paper
Packing bag
220x240mm
Aluminum laminated bag/ no-zipper
One reel per bag
Carton
HT standard
Paper
Others:
Each immediate box consists of 5 reels. The 5 reels may not necessarily have the same lot number or the same
bin combinations of Iv,
λD and Vf. Each reel has a label identifying its specification; the immediate box consists
of a product label as well.
ATTENTION: Electrostatic Discharge (ESD) protection
The symbol to the left denotes that ESD precaution is needed. ESD protection for
GaP and AlGaAs based chips is necessary even though they are relatively safe in
the presence of low static-electric discharge. Parts built with AlInGaP, GaN, or/and
InGaN based chips are STATIC SENSITIVE devices. ESD precaution must be taken during
design and assembly.
If manual work or processing is needed, please ensure the device is adequately protected
from ESD during the process.
Compliance and Certified
ISO9002, QS9000 and ISO14001 Certified
RoHS Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com