Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-191SD Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HT-191SD
Description  Label Specifications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-191SD Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HT-191SD Datasheet HTML 6Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 7Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 9Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 10Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 11Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 12Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 13Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Top-emitting 0603 (1608)
HT-191 Series
Official Product
Product: HT-191 Series
Data Sheet No.
Tentative Product
****************
HT-191 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Jan. 14, 2009
Version of 1.4
Page
10/25
▓
Chromaticity Bin (for TW only):
Rank C1
Rank C2
x
0.2500
0.2700
0.2700
0.2500
x
0.2700
0.2900
0.2900
0.2700
y
0.2500
0.2775
0.2325
0.2050
y
0.2775
0.3050
0.2600
0.2325
Rank D1
Rank D2
x
0.2900
0.3100
0.3100
0.2900
x
0.3100
0.3300
0.3300
0.3100
y
0.3050
0.3325
0.2875
0.2600
y
0.3325
0.3600
0.3150
0.2875
0
0.1
0.2
0.3
0.4
0.5
0
0.1
0.2
0.3
0.4
0.5
0.6
C1
C2
D
1
D2
@20mA / Ta=25℃, Tolerance: + 0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com