Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-191SD Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HT-191SD
Description  Label Specifications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-191SD Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button HT-191SD Datasheet HTML 4Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 5Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 6Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 7Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 9Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 10Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 11Page - List of Unclassifed Manufacturers HT-191SD Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Top-emitting 0603 (1608)
HT-191 Series
Official Product
Product: HT-191 Series
Data Sheet No.
Tentative Product
****************
HT-191 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Jan. 14, 2009
Version of 1.4
Page
8/25
▓
Wavelength (λD) Bin:
Bin
Wavelength Range (nm)
Bright Red
(UR)
Red
(SD)
Orange
(D)
Yellow
(Y)
Yellow Green
(YG)
Red
(USD)
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
-
620.0 650.0 615.0 635.0
615.0 630.0
A
597.0 600.0 582.0 584.5 561.5 564.5
B
600.0 603.0 584.6 587.0 564.5 567.5
C
603.0 606.0 587.0 589.5 567.5 570.5
D
606.0 609.0 589.5 592.0 570.5 573.5
E
609.0 612.0 592.0 594.5 573.5 576.5
F
612.0 615.0 594.5 597.0
H
J
@20mA / Ta=25
O C, Tolerance: + 0.5nm
Bin
Wavelength Range (nm)
Deep Red
(URO)
Orange
(UD)
Yellow
(UY)
Yellow Green
(UYG)
True Green
(NG)
Blue
(NB)
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
-
630.0 650.0
A
597.0 600.0 582.0 584.5 561.5 564.5 515.0 520.0 460.0 464.0
B
600.0 603.0 584.6 587.0 564.5 567.5 520.0 525.0 464.0 468.0
C
603.0 606.0 587.0 589.5 567.5 570.5 525.0 530.0 468.0 472.0
D
606.0 609.0 589.5 592.0 570.5 573.5 530.0 535.0 472.0 476.0
E
609.0 612.0 592.0 594.5 573.5 576.5 535.0 540.0 476.0 480.0
F
612.0 615.0 594.5 597.0
480.0 485.0
H
J
@20mA / Ta=25
O C, Tolerance: + 0.5nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com