Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC845 Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPC845
Description  16PIN PHOTODARLINGTON PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC845 Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPC845 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 2Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 3Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 4Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 5Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 6Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 7Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 8Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P23002.1
- 3 -
http://www.cosmo-ic.com
cosmo
KPC845 Series
16PIN PHOTODARLINGTON
PHOTOCOUPLER
Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Forward current
IF
50
mA
Peak forward current
IFM
1
A
Reverse voltage
VR
6
V
Input
Power dissipation
PD
70
mW
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6
V
Collector current
IC
80
mA
Output
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
200
mW
Isolation voltage 1 minute
Viso
5000
Vrms
Operating temperature
Topr
-55 to +115
℃
Storage temperature
Tstg
-55 to +125
℃
Soldering temperature 10 seconds
Tsol
260
℃
Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=20mA
-
1.2
1.4
V
Peak forward voltage
VFM
IFM=0.5A
-
-
3.5
V
Reverse current
IR
VR=4V
-
-
10
uA
Input
Terminal capacitance
Ct
V=0, f=1KHz
-
30
250
pF
Output Collector dark current
ICEO
VCE=10V, IF=0
-
-
1.0
μA
Current transfer ratio
CTR
IF=1mA, VCE=2V
600
-
7500
%
Collector-emitter saturation
VCE(sat) IF=20mA, IC=5mA
-
0.8
1.0
V
Isolation resistance
Riso
DC500V
5x10
10
-
-
Ω
Floating capacitance
Cf
V=0, f=1MHz
-
0.6
1.0
pF
Cut-off frequency
fC
VCC=2V, IC=20mA, RL=100Ω
1
6
-
KHz
Response time ( Rise )
tr
-
5
40
μs
Transfer
charac-
teristics
Response time ( Fall )
tf
VCE=2V, IC=20mA, RL=100Ω
-
60
100
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com