Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC845 Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPC845
Description  16PIN PHOTODARLINGTON PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC845 Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPC845 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 2Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 3Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 4Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 5Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 6Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 7Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 8Page - COSMO  Electronics Corporation KPC845 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P23002.1
- 4 -
http://www.cosmo-ic.com
cosmo
KPC845 Series
16PIN PHOTODARLINGTON
PHOTOCOUPLER
Fig.1 Current Transfer Ratio
vs. Forward Current
CE
Ta=25°
V =2V
0.2
400
0
800
2000
1200
1600
5
12
0.5
10
C
0.1
Classification table of current
transfer ratio is shown below.
KPC845 Model No.
CTR ( % )
KPC845 E
600 ~7500
Forward Current IF (mA)
Fig.2
Fig.3
Collector Power Dissipation
vs. Ambient Temperature
Collector Dark Current
vs. Ambient Temperature
25
0
-55
50
0
100
125
75
50
200
150
250
115
- 1 1
1 0
- 9
- 1 0
- 8
1 0
1 0
1 0
- 5
- 6
- 7
1 0
1 0
1 0
- 5 5
0
5 0
2 5
7 5
1 1 5
V
= 1 0 V
C E
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.4
Fig.5
Forward Current
vs. Ambient Temperature
Forward Current
vs. Forward Voltage
60
10
-55
0
20
025
30
40
50
50
75
115 125
500
1.8
-25°
1.6
1.2
1.0
1.4
20
2
5
10
50°
Ta=75°
C
50
100
200
C
2.4
2.0
2.2
C
C
25°
C
0°
1
Ambient Temperature Ta (℃)
Forward Voltage VF (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com