Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P362 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM73P362
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P362 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM73P362 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
*
This specification are subject to be changed without notice.
11.1.2001
EM73P362
EM73P362
EM73P362
EM73P362
EM73P362
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
FUNCTION BLOCK DIAGRAM
FUNCTION BLOCK DIAGRAM
FUNCTION BLOCK DIAGRAM
FUNCTION BLOCK DIAGRAM
FUNCTION BLOCK DIAGRAM
Interrupt
Control
Time
Base
12-bit
timer
(TA)
System Control
Instruction Decoder
Instruction Register
ROM
PC
Reset
Control
Frequency
doubler
Timing
Generator
Sleep Mode
Control
Data pointer
ACC
ALU
Flag
ZC S
G
Stack pointer
Stack
RAM
HR
LR
I/O Control
P0.0(INT1)/WAKEUP0
P0.1/WAKEUP1
P0.2(INT0)/WAKEUP2
P0.3/WAKEUP3
RESET
Clock
Generator
XIN XOUT
LCD
driver
Tone generator
High speed counter
VA
VB
VEE
COM0~COM2
SEG0~SEG14
P4.0(RX)/TONE
P4.1(CS)
TONE
P6,P7,P8/SEG(26..15)
WDT
P4.2(RY)
P4.3(RZ)
Low battery detector
BAT
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN DESCRIPTIONS
Pin name
Function
PIN type
VDD
Power supply (+), Power supply (+) for programming OTP
VSS
Power supply (-), Power supply (-) for programming OTP
RESET
System reset input signal, low active
RESET_A
mask option : none
pull-up
XIN
Crystal / external resistor or external clock source
OSC_A / OSC_F
connecting pin
XOUT
Crystal / external resistor connecting pin
OSC_A / OSC_F
P0.0(INT1)/WAKEUP0,
2-bit input pins with external interrupt sources input
INPUT_J
P0.2(INT0)/WAKEUP2
and STOP/IDLE releasing function
mask option : wake-up enable, pull-up
wakeup enable, none
wakeup disable, pull-up
wakeup disable, pull-down
wakeup disable, none
In programming OTP mode:
P0.0/ACLK : address counter clock for programming OTP
P0.2/OEB : data output enable for programming OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com