Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73P362 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM73P362
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P362 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM73P362 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73P362 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
*
This specification are subject to be changed without notice.
11.1.2001
EM73P362
EM73P362
EM73P362
EM73P362
EM73P362
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
IDLE
mode
NORMAL
operating
mode
STOP
mode
RESET
operation
Command
(P16)
Reset
Reset
Reset
Reset
release
Input
timer
wakeup
XIN
XOUT
Crystal connection
XIN
XOUT
Resistor connection
CLOCK AND TIMING GENERATOR FUNCTION
CLOCK AND TIMING GENERATOR FUNCTION
CLOCK AND TIMING GENERATOR FUNCTION
CLOCK AND TIMING GENERATOR FUNCTION
CLOCK AND TIMING GENERATOR FUNCTION
The frequency of fc is the oscillation frequency for XIN, XOUT by crystal (resonator) or by RC osc.
When CPU sleeps, the XOUT pin will be in "high" state.
The instruction cycle equal 4 basic clock fc.
1 instructure cycle = 4 / fc
OPERATION MODE CONTROL
OPERATION MODE CONTROL
OPERATION MODE CONTROL
OPERATION MODE CONTROL
OPERATION MODE CONTROL
EM73P362 has 3 operation modes. They are Normal, Idle, and Stop mode.
Operation Mode
Oscillator
CPU
Available Function
Normal
Oscillating
Run
LCD, RFC, Low battery detector
Idle
Oscillating
Run
LCD
Stop
Stop
Stop
All disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com