Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDR4 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ADDR4
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR4 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ADDR4 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 11Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 12Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 13Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 14Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 15Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 16Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 17Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
C h i p selec t co ntro ller
10
NS 75 20 Da ta shee t
03 /2 00 6
Chip select controller
The NS7520 supports five unique chip select configurations.
Chip select controller signal descriptions
Symbol
Pin
I/O
OD
Description
CS4_
B4
O
4
Chip select/DRAM RAS_
CS3_
A4
O
4
Chip select/DRAM RAS_
CS2_
C5
O
4
Chip select/DRAM RAS_
CS1_
B5
O
4
Chip select/DRAM RAS_
CS0_
D5
O
4
Chip select (boot select)
CAS3_
A1
O
4
FP/EDO DRAM column strobe D31:D24/SDRAM RAS_
CAS2_
C4
O
4
FP/EDO DRAM column strobe D23:D16/SDRAM CAS_
CAS1_
B3
O
4
FP/EDO DRAM column strobe D15:D08/SDRAM WE_
CAS0_
A2
O
4
FP/EDO DRAM column strobe D07:D00/SDRAM A10(AP)
WE_
C6
O
4
Write enable for NCC Ctrl’d cycles
OE_
B6
O
4
Output enable for NCC Ctrl’d cycles
Mnemonic
Signal
Description
CS0_
CS1_
CS2_
CS3_
CS4_
Chip select 0
Chip select 1
Chip select 2
Chip select 3
Chip select 4
Unique chip select outputs supported by the NS7520. Each chip select
can be configured to decode a portion of the available address space
and can address a maximum of 256 Mbytes of address space. The
chip selects are configured using registers in the memory module.
A chip select signal is driven low to indicate the end of the current
memory cycle. For FP/EDO DRAM, these signals provide the RAS
signal.
CAS0_
CAS1_
CAS2_
CAS3_
Column address
strobe signals
Activated when an address is decoded by a chip select module
configured for DRAM mode. The CAS_ signals are active low and
provide the column address strobe function for DRAM devices.
The CAS_ signals also identify which 8-bit bytes of the 32-bit data bus
are active during any given system bus memory cycle.
For SDRAM, CAS[3:1]_ provides the SDRAM command field. CAS0_
provides the auto-precharge signal.
For non-DRAM settings, these signals are 1.
WE_
Write enable
Active low signal that indicates that a memory write cycle is in
progress. This signal is activated only during write cycles to
peripherals controlled by one of the chip selects in the memory
module.
OE_
Output enable
Active low signal that indicates that a memory read cycle is in
progress. This signal is activated only during read cycles from
peripherals controlled by one of the chip selects in the memory
module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com