Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDR4 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # ADDR4
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR4 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button ADDR4 Datasheet HTML 55Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 56Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 57Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 58Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 59Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 60Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 61Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 62Page - List of Unclassifed Manufacturers ADDR4 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
Et he r n e t ti mi n g
ww w.d i gi .c om
55
Ethernet timing
Operating conditions:
Ethernet timing parameters
Ethernet PHY timing
Temperature:
-15.00 (min)
110.00 (max)
Voltage:
1.60 (min)
1.40 (max)
Output load:
25.0pf
Input drive:
CMOS buffer
Num
Description
Min
Max
Unit
44
TXCLK high to TXD*, TXEN, TXER valid
11.5
ns
45
RXD*, RXER, RXDV, TXCOL, RXCRS valid to RXCLK high (setup)
3
ns
46
RXCLK high to RXD*, RXER, RXDV, TXCOL, RXCRS hold time
2
ns
49
MDC high to MDIO valid
50
ns
47
MDIO valid to MDC high (setup)
3
ns
48
MDC high to MDIO hold time
3
ns
50
RXCLK high to RSPF* valid
15.5
ns
52
REJECT* valid to RXCLK high (setup)
3
ns
53
REJECT* valid from RXCLK high (hold)
1.5
ns
49
48
47
46
45
44
TXCLK
TXD[3:0],TXEN,TXER
RXCLK
RXD[3:0],RXER,RXDV,CRS,COL
MDIO (input)
MDC
MDIO (output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com