Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D7702Z-O2 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D7702Z-O2
Description  MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7702Z-O2 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D7702Z-O2 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7702Z-O2 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7702Z-O2 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7702Z-O2 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7702Z-O2 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3D7702
TABLE 1: PART NUMBER SPECIFICATIONS
OUTPUT FREQUENCY (MHz)
DASH
NUMBER
25C
Vdd=5.00V
-40C to 85C
4.75<Vdd<5.25
-0.3
0.3
± 0.002
0.3
± 0.008
-0.4
0.4
± 0.002
0.4
± 0.010
-0.5
0.5
± 0.003
0.5
± 0.013
-0.75
0.75
± 0.004
0.75
± 0.019
-1
1.0
± 0.005
1.0
± 0.025
-2
2.0
± 0.010
2.0
± 0.050
-2.5
2.5
± 0.013
2.5
± 0.063
-3
3.0
± 0.015
3.0
± 0.075
-4
4.0
± 0.020
4.0
± 0.100
-5
5.0
± 0.025
5.0
± 0.125
-7.5
7.5
± 0.038
7.5
± 0.188
-10
10.0
± 0.05
10.0
± 0.25
-20
20.0
± 0.10
20.0
± 0.50
-25
25.0
± 0.13
25.0
± 0.63
-30
30.0
± 0.15
30.0
± 0.75
-40
40.0
± 0.20
40.0
± 1.00
-50
50.0
± 0.25
50.0
± 1.25
-75
75.0
± 0.38
75.0
± 3.75
-100
100.0
± 0.50
100.0
± 7.00
NOTE:
Any dash number between 0.3 and 100 not shown is also available as standard.
2006 Data Delay Devices
Doc #06024
DATA DELAY DEVICES, INC.
2
12/5/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com