Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D7702Z-O2 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 3D7702Z-O2
Description  MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7702Z-O2 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  3D7702Z-O2 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7702Z-O2 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7702Z-O2 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7702Z-O2 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7702Z-O2 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3D7702
MONOLITHIC GATED
DELAY LINE OSCILLATOR
(SERIES 3D7702)
FEATURES
•
All-silicon, low-power CMOS technology
•
TTL/CMOS compatible inputs and outputs
•
Vapor phase, IR and wave solderable
•
Auto-insertable (DIP pkg.)
•
Frequency range: 0.3MHz through 100MHz
•
Frequency tolerance: 0.5% typical
•
Temperature stability:
±1.5% typical (-40C to 85C)
•
Vdd stability:
±0.5% typical (4.75V to 5.25V)
•
14-pin DIP available as drop-in replacements for
hybrid delay line oscillator (DLO32F)
FUNCTIONAL DESCRIPTION
The 3D7702 Delay Line Oscillator product family consists of fixed-
frequency CMOS integrated circuit oscillators. Each package contains a
single oscillator, which is gated and can therefore be synchronized to an
external signal. The device frequency can range from 0.3MHz through
100MHz. The 3D7702 has two outputs that are 180
° out-of-phase when
the oscillator is running, and can be used as a drop-in replacement for
the DLO32F hybrid oscillator. The 3D7702 is TTL- and CMOS-compatible, capable of driving ten 74LS-type
loads. It is offered in a standard 14-pin auto-insertable DIP and a space saving surface mount 8-pin SOIC
package.
PACKAGES
14
13
12
11
10
9
8
1
2
3
4
5
6
7
O1
NC
NC
NC
NC
NC
GND
VDD
NC
NC
NC
O2
NC
EN
3D7702-xx
DIP-14
3D7702K-xx
NC pins removed
1
2
3
4
8
7
6
5
O1
NC
NC
GND
VDD
NC
O2
EN
3D7702Z-xx SOIC-8
PIN DESCRIPTIONS
EN
Oscillator Enable
O1
Oscillator Output 1
O2
Oscillator Output 2
VDD +5 Volts
GND Ground
For mechanical dimensions, click
here.
For package marking details, click
here.
Doc #06024
DATA DELAY DEVICES, INC.
1
12/5/2006
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 3D7702Z-O2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701-0.3 DATADELAY-3D7701-0.3 Datasheet
221Kb / 4P
MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701-0.4 DATADELAY-3D7701-0.4 Datasheet
221Kb / 4P
MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701-0.5 DATADELAY-3D7701-0.5 Datasheet
221Kb / 4P
MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701-0.75 DATADELAY-3D7701-0.75 Datasheet
221Kb / 4P
MONOLITHIC GATED DELAY LINE OSCILLATOR
More results

Similar Description - 3D7702Z-O2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7303 DATADELAY-3D7303 Datasheet
39Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
DLO31F DATADELAY-DLO31F Datasheet
48Kb / 4P
TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
DLO32F DATADELAY-DLO32F Datasheet
48Kb / 4P
TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO-34F DATADELAY-DLO-34F Datasheet
120Kb / 1P
GATED-DELAY LINE OSCILLATOR
DLO-36F DATADELAY-DLO-36F Datasheet
112Kb / 1P
GATED-DELAY LINE OSCILLATOR
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
GATED-DELAY LINE OSCILLATOR
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7323 DATADELAY-3D7323 Datasheet
256Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3702 DATADELAY-3D3702 Datasheet
240Kb / 4P
MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com