Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78P156 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button 78P156 Datasheet HTML 17Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 18Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 19Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 20Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 21Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 22Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 23Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 24Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-21
EM78P156E
1: XTAL1 type (High frequency)
This bit will affect system oscillation only when Bit 12 (MS) is “1”. When MS is “0”, HLF must be “0”.
Bit 7 (IRCEN): RC oscillator selection.
0: R connected to Vdd with internal C.
1: External RC
Bit 6 (HLP): Power selection.
0: Low power
1: High power
Bits 5 ~ 0: Not used.
2.
User’s ID Register
The EM78P156E has one User’s ID register which is not a part of the normal program memory. The User’s ID bits
can not be accessed during normal program execution.
12 ~0
XXXXXXXXXXXXX
Bit 12 ~ 0: User’s ID code.
D
R
Rin
C
VDD
/RESET
EM78P156E
Fig. 14 External Power-up Reset Circuit
VI.9 Power-on Considerations
Any microcontroller is not warranted to start proper operation before the power supply stays in its steady state.
EM78P156E is equipped with Power On Voltage Detector (POVD) which the detective level is about 1.8V. It
will work well if Vdd rises quickly enough (50ms or less). In many critical applications; however, extra devices
are still required to assist in solving power-up problems.
VI.10 External Power-on Reset Circuit
The circuit shown in Fig.14 implements an external RC to produce the reset pulse. The pulse width (time constant)
should keep long enough until Vdd has reached minimum operation voltage. This circuit is used when the power supply
has slow rise time. Because the current leakage from the /RESET pin is about 5A, it is recommended that R should
not be greater than 40K. In this way, the voltage in pin /RESET will be held below 0.2V. The diode (D) acts a short circuit
at the moment of power-down. The capacitor, C, will be discharged rapidly and fully. Rin, the current-limited resistor,
protects against a high discharging current or ESD (electrostatic discharge) flowing to pin /RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com