Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78P156 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  78P156 Datasheet HTML 1Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 2Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 3Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 4Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 5Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 6Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 7Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 8Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-2
EM78P156E
Symbol
I/O
Function
OSCI
I
* XTAL type : Crystal input terminal or external clock input pin.
* ERC type: RC oscillator input pin.
* IRC type: 50K ohm pulled high for 4MHz.
OSCO
I/O
* XTAL type: Output terminal for crystal oscillator or external clock input pin.
* RC type: Instruction clock ouput.
* External clock signal input.
TCC
I
* Real time clock/counter with Schmitt trigger input pin, must be tied to V
DD
or V
SS if not in use.
V.
PIN DESCRIPTION
Table 1 Pin description-EM78P156E
WDT Timer
IOC5
R5
Instruction
Decoder
ROM
Interrupt
Controller
R1(TCC)
Oscillator/Timing
Control
Prescaler
RAM
R4
Instruction
register
R2
Stack
OSCI
OSCO
/RESET
DATA & CONTROL BUS
TCC
/INT
ACC
R3
ALU
WDT
Time-out
IOCA
Internal C
External R
oscillator
Sleep
& Wake
Control
P
5
0
P
5
2
P
5
3
P
5
1
IOC6
R6
P
6
0
P
6
2
P
6
3
P
6
1
P
6
4
P
6
6
P
6
7
P
6
5
IV.
FUNCTIONAL BLOCK DIAGRAM
III.
PIN ASSIGNMENTS
DIP
SOP
SOIC
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
P52
P53
TCC
RESET
VSS
P60,INT
P61
P62
P63
P51
P50
OSCI
OSCO
VDD
P67
P66
P65
P64
EM78P156E
Fig. 1 Pin assignments
Fig. 2 Functional block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com