Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P156ELAS Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P156ELAS
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P156ELAS Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P156ELAS Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
EM78P156EL
OTP ROM
controller branches to the interrupt vector following wake-up. If ENI is executed before SLEP, the
instruction will begin to execute from the address 008H after wake-up. If DISI is executed before
SLEP, the operation will restart from the succeeding instruction right next to SLEP after wake-up.
Only one of Cases 2 and 3 can be enabled before entering the sleep mode. That is,
[a] if Port 6 Input Status Change Interrupt is enabled before SLEP , WDT must be disabled. by
software. However, the WDT bit in the option register remains enabled. Hence, the
EM78P156EL can be awakened only by Case 1 or 3.
[b] if WDT is enabled before SLEP, Port 6 Input Status Change Interrupt must be disabled. Hence,
the EM78P156EL can be awakened only by Case 1 or 2. Refer to the section on Interrupt.
If Port 6 Input Status Change Interrupt is used to wake-up the EM78P156EL (Case [a] above), the
following instructions must be executed before SLEP:
MOV A, @xx000110b
; Select internal TCC clock
CONTW
CLR R1
; Clear TCC and prescaler
MOV A, @xxxx1110b
; Select WDT prescaler
CONTW
WDTC
; Clear WDT and prescaler
MOV A, @0xxxxxxxb
; Disable WDT
IOW RE
MOV R6, R6
; Read Port 6
MOV A, @00000x1xb
; Enable Port 6 input change interrupt
IOW RF
ENI (or DISI)
; Enable (or disable) global interrupt
SLEP
; Sleep
NOP
One problem user should be aware of, is that after waking up from the sleep mode, WDT would
enable automatically. The WDT operation (being enabled or disabled) should be handled
appropriately by software after waking up from the sleep mode.
This specification is subject to change without prior notice.
07.29.2004 (V1.3)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com