Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P156ELAS Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P156ELAS
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P156ELAS Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P156ELAS Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P156ELAS Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
EM78P156EL
OTP ROM
3. IOC5 ~ IOC6 (I/O Port Control Register)
• "1" put the relative I/O pin into high impedance, while "0" defines the relative I/O pin as output.
• Only the lower 4 bits of IOC5 can be defined.
• IOC5 and IOC6 registers are both readable and writable.
4. IOCA (Prescaler Counter Register)
• IOCA register is readable.
• The value of IOCA is equal to the contents of Prescaler counter.
• Down counter.
5. IOCB (Pull-down Control Register)
7
6
5
4
3
2
1
0
/PD7
/PD6
/PD5
/PD4
-
/PD2
/PD1
/PD0
• Bit 0 (/PD0) Control bit is used to enable the pull-down of P50 pin.
0: Enable internal pull-down
1: Disable internal pull-down
• Bit 1 (/PD1) Control bit is used to enable the pull-down of P51 pin.
• Bit 2 (/PD2) Control bit is used to enable the pull-down of P52 pin.
• Bit 3
Not used.
• Bit 4 (/PD4) Control bit is used to enable the pull-down of P60 pin.
• Bit 5 (/PD5) Control bit is used to enable the pull-down of P61 pin.
• Bit 6 (/PD6) Control bit is used to enable the pull-down of P62 pin.
• Bit 7 (/PD7) Control bit is used to enable the pull-down of P63 pin.
• IOCB Register is both readable and writable.
6. IOCC (Open-drain Control Register)
7
6
5
4
3
2
1
0
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
• Bit 0 (OD0) Control bit is used to enable the open-drain of P60 pin.
0: Disable open-drain output
1: Enable open-drain output
• Bit 1 (OD1) Control bit is used to enable the open-drain of P61 pin.
• Bit 2 (OD2) Control bit is used to enable the open-drain of P62 pin.
• Bit 3 (OD3) Control bit is used to enable the open-drain of P63 pin.
• Bit 4 (OD4) Control bit is used to enable the open-drain of P64 pin.
• Bit 5 (OD5) Control bit is used to enable the open-drain of P65 pin.
• Bit 6 (OD6) Control bit is used to enable the open-drain of P66 pin.
This specification is subject to change without prior notice.
07.29.2004 (V1.3)
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com