Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADR-011007 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-011007
Description  40-bit Serial to Parallel Driver for GaAs FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-011007 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MADR-011007 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-011007 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-011007 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-011007 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-011007 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
40-bit Serial to Parallel Driver for GaAs FETs
Rev. V1
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
2
MADR-011007
Guaranteed Operating Ranges3,4,5
Symbol
Parameter
Min.
Typ.
Max.
Unit
VEE
6
Negative DC Supply Voltage
-5.5
-5.0
-4.5
V
TOPER
Operating Temperature
-40
25
85
°C
IOH
DC Output Current - High
-1
—
—
mA
IOL
DC Output Current - Low
—
—
1
mA
3. Unused logic inputs must be tied to either GND or VEE.
4. 0.01 µF decoupling capacitors are required on the power supply line.
5. This driver can also operate at –3.3 V VEE, but at slower speed.
6. When using positive logic, GND should be connected to positive power supply +5 V, and VEE should be connected to ground.
Performance over Guaranteed Operating Range
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input High Voltage
Guaranteed High Input Voltage
-1.5
0.0
0.0
V
VIL
Input Low Voltage
Guaranteed Low Input Voltage
-5.5
-5.0
-3.5
V
VOH
Output High Voltage
IOH = -250 µA
—
-0.1
—
V
VOL
Output Low Voltage
IOL = 250 µA
—
VEE + 0.1
—
V
IIN
Input Leakage Current (per Input)
VIN = GND or VEE
—
80
—
µA
IOH
DC Output Current-High (per Output)
VEE = -5.0 V
-1
—
—
mA
IOL
DC Output Current-Low (per Output)
VEE = -5.0 V
—
—
1
mA
IEE
Quiescent Supply Current
VIN = GND or VEE, No Output
Load
—
—
400
µA
TD
Propagation Delay
50% LOAD signal to 90% VO
—
12
—
ns
CIN
Input Capacitance
—
—
6
—
pF
Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit
VEE
Negative DC Supply Voltage
-7.0
0.3
V
VIN
DC Input Voltage
VEE – 0.3
0.3
V
VO
DC Output Voltage
VEE – 0.3
0.3
V
TOPER
Operating Temperature
-55
125
°C
TSTG
Storage Temperature
-65
150
°C
ESD
ESD Sensitivity (HBM)
2.0
—
kV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com