Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADR-011007 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-011007
Description  40-bit Serial to Parallel Driver for GaAs FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-011007 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADR-011007 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-011007 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-011007 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-011007 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-011007 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
40-bit Serial to Parallel Driver for GaAs FETs
Rev. V1
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
3
MADR-011007
Serial Bit Stream Definition7
Bit No.
Bit Function
Bit No.
Bit Function
1
RX2-phase 1
21
TX-phase 1-A
2
RX2-phase 2
22
TX-phase 1-B
3
RX2-phase 3
23
TX-phase 2-A
4
RX2-phase 4
24
TX-phase 2-B
5
RX2-phase 5
25
TX-phase 3-A
6
RX2-phase 6
26
TX-phase 3-B
7
RX2-atten 1
27
TX-phase 4-A
8
RX2-atten 2
28
TX-phase 4-B
9
RX2-atten 3
29
TX-phase 5-A
10
RX2-atten 4
30
TX-phase 5-B
11
RX1-phase 1
31
TX-phase 6-A
12
RX1-phase 2
32
TX-phase 6-B
13
RX1-phase 3
33
TX-atten 1-A
14
RX1-phase 4
34
TX-atten 1-B
15
RX1-phase 5
35
TX-atten 2-A
16
RX1-phase 6
36
TX-atten 2-B
17
RX1-atten 1
37
TX-atten 3-A
18
RX1-atten 2
38
TX-atten 3-B
19
RX1-atten 3
39
TX-atten 4-A
20
RX1-atten 4
40
TX-atten 4-B
7. Bit No. 1 should be the first bit going into the serial interface.
Function Diagram
SNGL_DUAL
Vertical Beam Bits
L
H
TX_STATE
L8
A9
B9
H8
A
A
SNGL_DUAL
Horizontal Beam Bits
L
H
TX_STATE
L
B
A
H
B
B
TX Mux Truth Table
8. For VEE = -5 V, Logic ―L‖ = -5 V, and Logic ―H‖ = 0 V.
9. ―A‖ represents odd bits of the 20-bit TX bit stream, and ―B‖
represents even bits of the 20-bit TX bit stream.
40-bit
Shift Reg.
SERIAL IN
CLK
40-bit
Latch
40 bits
LOAD
Last 20 bits
First 20 bits
20-bit
Mux
10 TX bits
10 TX bits
20-bit
Driver
10-bit
Driver
10-bit
Driver
RX Outputs
20 RX bits
10 TX bits
10 TX bits
TX Horizontal
Outputs
TX Vertical
Outputs
Note:
Both shift registers and latches are
positive edge triggered.
SERIAL OUT
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Silicon Circuits are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com