Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP78L08 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP78L08
Description  AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L08 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP78L08 Datasheet HTML 2Page - Diodes Incorporated AP78L08 Datasheet HTML 3Page - Diodes Incorporated AP78L08 Datasheet HTML 4Page - Diodes Incorporated AP78L08 Datasheet HTML 5Page - Diodes Incorporated AP78L08 Datasheet HTML 6Page - Diodes Incorporated AP78L08 Datasheet HTML 7Page - Diodes Incorporated AP78L08 Datasheet HTML 8Page - Diodes Incorporated AP78L08 Datasheet HTML 9Page - Diodes Incorporated AP78L08 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AP78L05/08/12
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L05/08/12
Document number: DS31054 Rev. 10 - 2
6 of 16
www.diodes.com
March 2012
© Diodes Incorporated
AP78Lxx Electrical Characteristics (cont.)
AP78L12
Unless otherwise specified, VIN = 19V
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VO
Output Voltage
11.5
12
12.5
V
14.5V
≤ VIN ≤ 27V
1mA
≤ IO ≤ 40mA
11.4
12.6
1mA
≤ IO ≤ 70mA
11.4
12.6
ΔVO
Line Regulation
14.5V
≤ VIN ≤ 27V
30
180
mV
16V
≤ VIN ≤ 27V
20
110
ΔVO
Load Regulation
1mA
≤ IO ≤ 100mA
30
100
mV
1mA
≤ IO ≤ 40mA
10
50
IQ
Quiescent Current
3
5
mA
ΔIQ
Quiescent Current Change
16V
≤ VIN ≤ 27V
1
1mA
≤ IO ≤ 40mA
0.1
VN
Output Noise Voltage
80
µV
ΔVIN/ΔVOUT Ripple Rejection
f = 120Hz
15V
≤ VIN ≤ 25V
40
54
dB
IPK
Peak Output Current
140
mA
ΔVO/ΔT
Average Output Voltage
Tempco
IO = 5mA
-1.0
mV/
oC
VIN(MIN)
Minimum Value of Input
Voltage Required to Maintain
Line Regulation
13.7
14.5
V
θJA
Thermal Resistance Junction
to Ambient
TO92 (Note 5)
176
oC/W
SO-8 (Note 6)
153
SOT89 (Note 7)
145
θJC
Thermal Resistance Junction
to case
TO92 (Note 5)
33
oC/W
SO-8 (Note 6)
18
SOT89 (Note 7)
25
Notes:
5. Test conditions for TO92: No heat sink, no air flow.
6. Test conditions for SO-8: Device mounted on 2oz copper, minimum recommended pad layout, FR-4 PCB.
7. Test conditions for SOT89: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com