Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP78L08 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP78L08
Description  AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L08 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP78L08 Datasheet HTML 1Page - Diodes Incorporated AP78L08 Datasheet HTML 2Page - Diodes Incorporated AP78L08 Datasheet HTML 3Page - Diodes Incorporated AP78L08 Datasheet HTML 4Page - Diodes Incorporated AP78L08 Datasheet HTML 5Page - Diodes Incorporated AP78L08 Datasheet HTML 6Page - Diodes Incorporated AP78L08 Datasheet HTML 7Page - Diodes Incorporated AP78L08 Datasheet HTML 8Page - Diodes Incorporated AP78L08 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP78L05/08/12
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L05/08/12
Document number: DS31054 Rev. 10 - 2
2 of 16
www.diodes.com
March 2012
© Diodes Incorporated
Typical Application Circuit
Fixed Output Regulator
AP78Lxx
OUT
IN
Input
Output
GND
C1
0.33µF
†
C2
0.1µF
‡
(†) Required if the regulator is located more than 3” from the power supply filter
(‡) See Note 5 in the electrical characteristics table
Pin Descriptions
Pin Name
Description
VIN
Operating Voltage Input
VOUT
Voltage Output Pin
GND
Ground
NC
No Connection
Functional Block Diagram
Introduction
The AP78LXX series is a three terminal device with fixed output voltages from 5V,8V and 12V. The AP78LXX fixed voltage
regulator series has built-in thermal overload protection which prevents the device from being damaged due to excessive
junction temperature. The regulator also contains internal short-circuit protection which limits the maximum output current, and
safe-area protection for the pass transistor which reduces the short-circuit current as the voltage across the pass transistor is
increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com