Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2501 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP2501
Description  2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2501 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2501 Datasheet HTML 4Page - Diodes Incorporated AP2501 Datasheet HTML 5Page - Diodes Incorporated AP2501 Datasheet HTML 6Page - Diodes Incorporated AP2501 Datasheet HTML 7Page - Diodes Incorporated AP2501 Datasheet HTML 8Page - Diodes Incorporated AP2501 Datasheet HTML 9Page - Diodes Incorporated AP2501 Datasheet HTML 10Page - Diodes Incorporated AP2501 Datasheet HTML 11Page - Diodes Incorporated AP2501 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AP2501/AP2511
Document number: DS35577 Rev. 6 - 2
8 of 18
www.diodes.com
March 2013
© Diodes Incorporated
AP2501/AP2511
Typical Performance Characteristics (cont.)
3.5
3.0
2.0 2.5
6.0
5.0
4.0 4.5
5.5
INPUT VOLTAGE (V)
Turn-Off Time vs. Input Voltage
180
200
160
140
120
100
80
60
40
20
0
C = 1µF
R = 5
T = 25°C
L
L
A
3.5
3.0
2.0 2.5
6.0
5.0
4.0 4.5
5.5
INPUT VOLTAGE (V)
Rise Time vs. Input Voltage
900
1000
800
700
600
500
400
300
200
100
0
C = 1µF
R = 5
T = 25°C
L
L
A
3.5
3.0
2.0 2.5
6.0
5.0
4.0 4.5
5.5
INPUT VOLTAGE (V)
Rise Time vs. Input Voltage
90
100
80
70
60
50
40
30
20
10
0
C = 1µF
R = 5
T = 25°C
L
L
A
TEMPERATURE ( C)
Supply Current, Output Enabled vs. Temperature
-50
-25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
80
90
100
V = 5V
IN
V = 5.5V
IN
V =3.3V
IN
V = 2.7V
IN
TEMPERATURE ( C)
Supply Current, Output Disabled vs. Temperature
-50
-25
0
25
50
75
100
125
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-0.20
-0.25
-0.30
V = 5V
IN
V = 5.5V
IN
V =3.3V
IN
V = 2.7V
IN
3.5
3.0
2.0 2.5
6.0
5.0
4.0 4.5
5.5
INPUT VOLTAGE (V)
Turn-On Time vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
130
140
150
100
110
120
C = 1µF
R = 5
T = 25°C
L
L
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com