Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2501 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2501
Description  2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2501 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2501 Datasheet HTML 5Page - Diodes Incorporated AP2501 Datasheet HTML 6Page - Diodes Incorporated AP2501 Datasheet HTML 7Page - Diodes Incorporated AP2501 Datasheet HTML 8Page - Diodes Incorporated AP2501 Datasheet HTML 9Page - Diodes Incorporated AP2501 Datasheet HTML 10Page - Diodes Incorporated AP2501 Datasheet HTML 11Page - Diodes Incorporated AP2501 Datasheet HTML 12Page - Diodes Incorporated AP2501 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AP2501/AP2511
Document number: DS35577 Rev. 6 - 2
9 of 18
www.diodes.com
March 2013
© Diodes Incorporated
AP2501/AP2511
Typical Performance Characteristics (cont.)
TEMPERATURE ( C)
R
vs. Temperature
DS(ON)
-50
-25
025
50
75
100
125
V = 5V
IN
V = 5.5V
IN
V =3.3V
IN
V = 2.7V
IN
180
170
160
150
140
130
120
110
70
60
50
40
30
20
10
0
100
90
80
TEMPERATURE ( C)
Short-Circuit Output Current vs. Temperature
-50
-25
025
50
75
100 125
V = 5V
IN
V = 5.5V
IN
V =3.3V
IN
V = 2.7V
IN
4.5
4.4
4.3
4.2
4.1
4.0
3.9
3.5
3.4
33
3.2
3.1
3.0
3.8
3.7
3.6
TEMPERATURE ( C)
Undervoltage Lockout vs. Temperature
-50
-25
025
50
75
100
125
UVLO Rising
UVLO Falling
2.2
2.1
2.0
1.9
1.8
1.7
1.6
INPUT VOLTAGE (V)
Threshold Trip Current vs. Input Voltage
2.0 2.5
3.5
4.0
4.5
5.0
5.5 6.0
3.0
4.5
4.4
4.3
4.2
4.1
3.8
3.7
3.6
3.5
4.0
3.9
C = 120µF
T = 25°C
L
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com